Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 88 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 84Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 85Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 86Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 87Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 88Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 89Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 90Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 91Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
88/104
Doc ID 18340 Rev 3
Figure 24. JTAG boundary scan timing
3.18.3
Nexus timing
TCK
Output
Signals
Input
Signals
Output
Signals
10
11
12
13
9
Table 39.
Nexus debug port timing(1)
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1tMCYC
CC
D MCKO cycle time
32
—
—
ns
2tMDOV
CC
D MCKO edge to MDO data valid
–
0.1 × tMCYC
—0.25 × tMCYC
ns
3tMSEOV
CC
D MCKO edge to MSEO data valid
–
0.1 × tMCYC
—0.25 × tMCYC
ns
4tEVTOV
CC
D MCKO edge to EVTO data valid
–
0.1 × tMCYC
—0.25 × tMCYC
ns
5tTCYC
CC
D TCK cycle time
64(2)
——
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com