Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 25Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 26Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 27Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 28Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 29Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 30Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 31Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 32Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 104 page
background image
SPC56xP54x, SPC56xP60x
Package pinouts and signal descriptions
Doc ID 18340 Rev 3
29/104
Figure 4.
LQFP100 pinout (top view)(c)
2.2
Pin descriptions
The following sections provide signal descriptions and related information about the
functionality and configuration of the SPC56xP54/60 devices.
2.2.1
Power supply and reference voltage pins
Table 5 lists the power supply and reference voltage for the SPC56xP54/60 devices.
c.
Availability of port pin alternate functions depends on product selection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
NMI
PA[6]
PD[1]
PA[7]
PC[4]
PA[8]
PC[5]
PA[5]
PC[7]
PC[3]
VSS_LV_COR0
VDD_LV_COR0
VDD_HV_IO1
VSS_HV_IO1
PD[9]
VDD_HV_OSC
VSS_HV_OSC
XTAL
EXTAL
RESET
PD[8]
PD[5]
PD[6]
VSS_LV_COR3
VDD_LV_COR3
PA[4]
VPP TEST
PD[14]
PC[14]
PC[13]
PD[12]
VDD_HV_FL
VSS_HV_FL
PD[13]
VSS_LV_COR1
VDD_LV_COR1
PA[3]
VDD_HV_IO2
VSS_HV_IO2
TDO
TCK
TMS
TDI
PA[2]
PC[12]
PC[11]
PD[11]
PD[10]
PA[1]
PA[0]
LQFP100
Table 5.
Supply pins
Supply
Pin
Symbol
Description
LQFP
100
LQFP
144
LQFP
176(1)
VREG control and power supply pins
BCTRL
Voltage regulator external NPN Ballast base control pin
47
69
81
VDD_HV_REG (3.3 V or
5.0 V)
Voltage regulator supply voltage
50
72
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com