Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 11Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 12Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 13Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 14Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 15Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 16Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 17Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 18Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
SPC56xP54x, SPC56xP60x
Introduction
Doc ID 18340 Rev 3
15/104
The flash memory module provides the following features:
●
Up to 1024 KB flash memory
–
14 blocks (2×16 KB + 2×32 KB + 2×16 KB + 2×64 KB + 6×128 KB) code flash
–
4 blocks (16 KB + 16 KB + 16 KB + 16 KB) data flash
–
Full Read While Write (RWW) capability between code and data flash
●
Four 128-bit wide prefetch buffers to provide single cycle in-line accesses (prefetch
buffers can be configured to prefetch code or data or both)
●
Typical flash memory access time: 0 wait states for buffer hits, 2 wait states for page
buffer miss at 64 MHz
●
Hardware managed flash memory writes handled by 32-bit RISC Krypton engine
●
Hardware and software configurable read and write access protections on a per-master
basis.
●
Configurable access timing allowing use in a wide range of system frequencies.
●
Multiple-mapping support and mapping-based block access timing (0–31 additional
cycles) allowing use for emulation of other memory types.
●
Software programmable block program/erase restriction control.
●
Erase of selected block(s)
●
Read page size of 128 bits (4 words)
●
64-bit ECC with single-bit correction, double-bit detection for data integrity
●
Embedded hardware program and erase algorithm
●
Erase suspend, program suspend and erase-suspended program
●
Censorship protection scheme to prevent flash memory content visibility
●
Hardware support for EEPROM emulation
1.5.5
On-chip SRAM with ECC
The SPC56xP54/60 SRAM module provides a general-purpose memory of up to 80 KB.
The SRAM module provides the following features:
●
Supports read/write accesses mapped to the SRAM memory from any master
●
Up to 80 KB general purpose RAM
–
2 blocks (48 KB + 32 KB)
●
Supports byte (8-bit), half word (16-bit), and word (32-bit) writes for optimal use of
memory
●
Typical SRAM access time: 0 wait state for reads and 32-bit writes; 1 wait state for 8-
and 16-bit writes if back to back with a read to same memory block
1.5.6
Interrupt controller (INTC)
The INTC (interrupt controller) provides priority-based preemptive scheduling of interrupt
requests, suitable for statically scheduled hard real-time systems.
For high priority interrupt requests, the time from the assertion of the interrupt request from
the peripheral to when the processor is executing the interrupt service routine (ISR) has
been minimized. The INTC provides a unique vector for each interrupt request source for
quick determination of which ISR needs to be executed. It also provides an ample number of
priorities so that lower priority ISRs do not delay the execution of higher priority ISRs. To



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com