Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 18Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 19Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 20Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 21Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 22Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 23Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 24Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 25Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
Introduction
SPC56xP54x, SPC56xP60x
22/104
Doc ID 18340 Rev 3
1.5.22
Deserial serial peripheral interface (DSPI)
The deserial serial peripheral interface (DSPI) module provides a synchronous serial
interface for communication between the SPC56xP54/60 MCU and external devices.
The DSPI modules provide these features:
●
Full duplex, synchronous transfers
●
Master or slave operation
●
Programmable master bit rates
●
Programmable clock polarity and phase
●
End-of-transmission interrupt flag
●
Programmable transfer baud rate
●
Programmable data frames from 4 to 16 bits
●
Up to 28 chip select lines available
–
8 each on DSPI_0 and DSPI_1
–
4 each on DSPI_2, DSPI_3, and DSPI_4
●
8 clock and transfer attributes registers
●
Chip select strobe available as alternate function on one of the chip select pins for
deglitching
●
FIFOs for buffering up to 5 transfers on the transmit and receive side
●
Queueing operation possible through use of the eDMA
●
General purpose I/O functionality on pins when not used for SPI
1.5.23
eTimer
Two eTimer modules are provided, each with six 16-bit general purpose up/down
timer/counter per module. The following features are implemented:
●
Individual channel capability
–
Input capture trigger
–
Output compare
–
Double buffer (to capture rising edge and falling edge)
–
Separate prescaler for each counter
–
Selectable clock source
–
0% to 100% pulse measurement
–
Rotation direction flag (Quad decoder mode)
●
Maximum count rate
–
Equals peripheral clock/2 — for external event counting
–
Equals peripheral clock — for internal clock counting
●
Cascadeable counters
●
Programmable count modulo
●
Quadrature decode capabilities
●
Counters can share available input pins
●
Count once or repeatedly
●
Preloadable counters
●
Pins available as GPIO when timer functionality not in use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com