Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 16Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 17Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 18Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 19Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 20Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 21Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 22Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 23Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
Introduction
SPC56xP54x, SPC56xP60x
20/104
Doc ID 18340 Rev 3
The FlexCAN module provides the following features:
●
Full implementation of the CAN protocol specification, Version 2.0B
–
Standard data and remote frames
–
Extended data and remote frames
–
0 to 8 bytes data length
–
Programmable bit rate as fast as 1 Mbit/s
●
32 message buffers of 0 to 8 bytes data length
●
Each message buffer configurable as Rx or Tx, all supporting standard and extended
messages
●
Programmable loop-back mode supporting self-test operation
●
3 programmable mask registers
●
Programmable transmit-first scheme: lowest ID or lowest buffer number
●
Time stamp based on 16-bit free-running timer
●
Global network time, synchronized by a specific message
●
Maskable interrupts
●
Independent of the transmission medium (an external transceiver is assumed)
●
High immunity to EMI
●
Short latency time due to an arbitration scheme for high-priority messages
●
Transmit features
–
Supports configuration of multiple mailboxes to form message queues of scalable
depth
–
Arbitration scheme according to message ID or message buffer number
–
Internal arbitration to guarantee no inner or outer priority inversion
–
Transmit abort procedure and notification
●
Receive features
–
Individual programmable filters for each mailbox
–
8 mailboxes configurable as a six-entry receive FIFO
–
8 programmable acceptance filters for receive FIFO
●
Programmable clock source
–
System clock
–
Direct oscillator clock to avoid PLL jitter
1.5.19
Safety port (FlexCAN)
The SPC56xP54/60 MCU has a second CAN controller synthesized to run at high bit rates
to be used as a safety port. The CAN module of the safety port provides the following
features:
●
Identical to the FlexCAN module
●
Bit rate as fast as 7.5 Mb at 60 MHz CPU clock using direct connection between CAN
modules (no physical transceiver required)
●
32 Message buffers of 0 to 8 bytes data length
●
Can be used as a third independent CAN module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com