Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 9Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 10Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 11Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 12Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 13Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 14Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 15Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 16Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
SPC56xP54x, SPC56xP60x
Introduction
Doc ID 18340 Rev 3
13/104
1.5
Feature details
1.5.1
High performance e200z0h core processor
The e200z0h Power Architecture core provides the following features:
●
High performance e200z0 core processor for managing peripherals and interrupts
●
Single issue 4-stage pipeline in-order execution 32-bit Power Architecture CPU
●
Harvard architecture
●
Variable length encoding (VLE), allowing mixed 16-bit and 32-bit instructions
–
Results in smaller code size footprint
–
Minimizes impact on performance
●
Branch processing acceleration using lookahead instruction buffer
●
Load/store unit
–
1-cycle load latency
–
Misaligned access support
–
No load-to-use pipeline bubbles
●
Thirty-two 32-bit general purpose registers (GPRs)
●
Separate instruction bus and load/store bus Harvard architecture
●
Hardware vectored interrupt support
●
Reservation instructions for implementing read-modify-write constructs
●
Long cycle time instructions, except for guarded loads, do not increase interrupt latency
●
Extensive system development support through Nexus debug port
●
Non maskable Interrupt support
1.5.2
Crossbar switch (XBAR)
The XBAR multi-port crossbar switch supports simultaneous connections between six
master ports and six slave ports. The crossbar supports a 32-bit address bus width and a
32-bit data bus width.
The crossbar allows for two concurrent transactions to occur from any master port to any
slave port; but one of those transfers must be an instruction fetch from internal flash
memory. If a slave port is simultaneously requested by more than one master port,
arbitration logic selects the higher priority master and grant it ownership of the slave port. All
other masters requesting that slave port are stalled until the higher priority master
completes its transactions. Requesting masters are treated with equal priority and will be
granted access to a slave port in round-robin fashion, based upon the ID of the last master
to be granted access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com