Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC56AP54L3 Datasheet HTML 1Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 2Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 3Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 4Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 5Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 6Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 7Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 8Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
This is information on a product in full production.
May 2012
Doc ID 18340 Rev 3
1/104
1
SPC56AP60x, SPC56AP54x
SPC560P60x, SPC560P54x
32-bit Power Architecture® based MCU with 1088 KB Flash memory
and 80 KB RAM for automotive chassis and safety applications
Datasheet
production data
Features
■ 64 MHz, dual issue, 32-bit CPU core complex
(e200z0h)
– Compliant with Power Architecture®
embedded category
– Variable Length Encoding (VLE)
■ Memory organizazion
– Up to 1024 KB on-chip code Flash memory
with additional 64 KB for EEPROM
emulation (data flash), with ECC, with
erase/program controller
– Up to 80 KB on-chip SRAM with ECC
■ Fail safe protection
– ECC protection on system SRAM and
Flash
– Safety port
– SWT with servicing sequence pseudo-
random generator
– Power management
– Non-maskable interrupt for both cores
– Fault collection and control unit (FCCU)
– Safe mode of system-on-chip (SoC)
– Register protection scheme
■ Nexus® L2+ interface
■ Single 3.3 V or 5 V supply for I/Os and ADC
■ 2 on-platform peripherals set with 2 INTC
■ 16-channel eDMA controller with multiple
transfer request sources
■ General purpose I/Os (80 GPIO + 26 GPI on
LQFP144; 49 GPIO + 16 GPI on LQFP100)
■ 2 general purpose eTimer units
– 6 timers, each with up/down count
capabilities
– 16-bit resolution, cascadable counters
– Quadrature decode with rotation direction
flag
– Double buffer input capture and output
compare
■ Communications interfaces
– 2 LINFlex modules (LIN 2.1,
1 × Master/Slave, 1 × Master Only)
– 5 DSPI modules with automatic chip select
generation
– 2 FlexCAN interfaces (2.0B Active) with 32
message buffers
– 1 Safety port based on FlexCAN; usable as
third CAN when not used as safety port
– 1 FlexRay™ module (V2.1) with dual or
single channel, 64 message buffers and up
to 10 Mbit/s
■ 2 CRC units with three contexts and 3
hardwired polynomials(CRC8,CRC32 and
CRC-16-CCITT)
■ 10-bit A/D converter
– 27 input channels and pre-sampling feature
– Conversion time < 1 µs including sampling
time at full precision
– Programmable cross triggering unit (CTU)
– 4 analog watchdog with interrupt capability
■ On-chip CAN/UART Bootstrap loader with boot
assist module (BAM)
■ Ambient temperature ranges: –40 to 125 °C or
–40 to 105 °C
Table 1.
Device summary
Package
Part number
768 KB Flash
1 MB Flash
LQFP144
SPC560P54L5
SPC56AP54L5
SPC560P60L5
SPC56AP60L5
LQFP100
SPC560P54L3
SPC56AP54L3
SPC560P60L3
SPC56AP60L3
LQFP100
14 x 14 mm
LQFP144
20 x 20 mm
www.st.com


Similar Part No. - SPC56AP54L3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56AP54x STMICROELECTRONICS-SPC56AP54x Datasheet
2Mb / 105P
32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
June 2016 Rev 6
More results

Similar Description - SPC56AP54L3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104 Datasheet
155Kb / 32P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
logo
ATMEL Corporation
AT89C51AC2 ATMEL-AT89C51AC2_06 Datasheet
1Mb / 121P
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
logo
NXP Semiconductors
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
logo
STMicroelectronics
SPC560P60L3 STMICROELECTRONICS-SPC560P60L3 Datasheet
1Mb / 104P
32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
15-May-2012
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC56AP60X STMICROELECTRONICS-SPC56AP60X Datasheet
2Mb / 105P
32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
June 2016 Rev 6
STM32G071C8 STMICROELECTRONICS-STM32G071C8 Datasheet
2Mb / 133P
Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
March 2020 Rev 3
logo
NXP Semiconductors
MPC5744P NXP-MPC5744P Datasheet
1Mb / 115P
32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
Rev. 6.1, 11/2017
logo
Silicon Laboratories
EFM8SB1-SLSTK2010A SILABS-EFM8SB1-SLSTK2010A Datasheet
1Mb / 23P
EFM8SB10F8G MCU with 8 kB Flash and 512 bytes RAM
Rev. 0.3
logo
STMicroelectronics
STM32L062K8 STMICROELECTRONICS-STM32L062K8_V01 Datasheet
1Mb / 124P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
19-Aug-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com