Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 76 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 76 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 72Page - STMicroelectronics M24LR16E-R Datasheet HTML 73Page - STMicroelectronics M24LR16E-R Datasheet HTML 74Page - STMicroelectronics M24LR16E-R Datasheet HTML 75Page - STMicroelectronics M24LR16E-R Datasheet HTML 76Page - STMicroelectronics M24LR16E-R Datasheet HTML 77Page - STMicroelectronics M24LR16E-R Datasheet HTML 78Page - STMicroelectronics M24LR16E-R Datasheet HTML 79Page - STMicroelectronics M24LR16E-R Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 143 page
background image
Explanation of the possible cases
M24LR16E-R
76/143
Doc ID 018932 Rev 8
23
Explanation of the possible cases
Figure 51 summarizes the main possible cases that can occur during an anticollision
sequence when the number of slots is 16.
The sequence of steps is as follows:
●
The VCD sends an Inventory request, in a frame terminated by an EOF. The number of
slots is 16.
●
M24LR16E-R_1 transmits its response in Slot 0. It is the only one to do so, therefore no
collision occurs and its UID is received and registered by the VCD.
●
The VCD sends an EOF in order to switch to the next slot.
●
In Slot 1, two M24LR16E-Rs, M24LR16E-R_2 and M24LR16E-R_3 transmit a
response, thus generating a collision. The VCD records the event and registers that a
collision was detected in Slot 1.
●
The VCD sends an EOF in order to switch to the next slot.
●
In Slot 2, no M24LR16E-R transmits a response. Therefore the VCD does not detect
any M24LR16E-R SOF and switches to the next slot by sending an EOF.
●
In Slot 3, another collision occurs due to responses from M24LR16E-R_4 and
M24LR16E-R_5.
●
The VCD sends a request (for instance a Read Block) to M24LR16E-R_1 whose UID
has already been correctly received.
●
All M24LR16E-Rs detect an SOF and exit the anticollision sequence. They process this
request and since the request is addressed to M24LR16E-R_1, only M24LR16E-R_1
transmits a response.
●
All M24LR16E-Rs are ready to receive another request. If it is an Inventory command,
the slot numbering sequence restarts from 0.
Note:
The decision to interrupt the anticollision sequence is made by the VCD. It could have
continued to send EOFs until Slot 16 and only then sent the request to M24LR16E-R_1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com