Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 29Page - STMicroelectronics M24LR16E-R Datasheet HTML 30Page - STMicroelectronics M24LR16E-R Datasheet HTML 31Page - STMicroelectronics M24LR16E-R Datasheet HTML 32Page - STMicroelectronics M24LR16E-R Datasheet HTML 33Page - STMicroelectronics M24LR16E-R Datasheet HTML 34Page - STMicroelectronics M24LR16E-R Datasheet HTML 35Page - STMicroelectronics M24LR16E-R Datasheet HTML 36Page - STMicroelectronics M24LR16E-R Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 143 page
background image
M24LR16E-R
I2C device operation
Doc ID 018932 Rev 8
33/143
5.5.1
I²C timeout on Start condition
I²C communication with the M24LR16E-R starts with a valid Start condition, followed by a
device select code.
If the delay between the Start condition and the following rising edge of the Serial Clock
(SCL) that samples the most significant of the Device Select exceeds the tSTART_OUT time
(see Table 123), the I²C logic block is reset and further incoming data transfer is ignored
until the next valid Start condition.
Figure 7.
I²C timeout on Start condition
5.5.2
I²C timeout on clock period
During data transfer on the I²C bus, the serial clock high pulse width High (tCHCL) or serial
clock pulse width Low (tCLCH) exceeds the maximum value specified in Table 123, the I²C
logic block is reset and any further incoming data transfer is ignored until the next valid Start
condition.
5.6
Memory addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the device select code, shown
in Table 2 (on Serial Data (SDA), most significant bit first).
The device select code consists of a 4-bit device type identifier and a 3-bit Chip Enable
“Address” (E2,1,1). To address the memory array, the 4-bit device type identifier is 1010b.
Refer to Table 2.
The eighth bit is the Read/Write bit (RW). It is set to 1 for Read and to 0 for Write operations.
If a match occurs on the device select code, the corresponding device gives an
acknowledgment on serial data (SDA) during the ninth bit time. If the device does not match
the device select code, it deselects itself from the bus, and goes into Standby mode.
MS19779V1
SCL
SDA
tSTART_OUT
Start
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com