Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 30 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 26Page - STMicroelectronics M24LR16E-R Datasheet HTML 27Page - STMicroelectronics M24LR16E-R Datasheet HTML 28Page - STMicroelectronics M24LR16E-R Datasheet HTML 29Page - STMicroelectronics M24LR16E-R Datasheet HTML 30Page - STMicroelectronics M24LR16E-R Datasheet HTML 31Page - STMicroelectronics M24LR16E-R Datasheet HTML 32Page - STMicroelectronics M24LR16E-R Datasheet HTML 33Page - STMicroelectronics M24LR16E-R Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 143 page
background image
System memory area
M24LR16E-R
30/143
Doc ID 018932 Rev 8
4.3.4
Configuration byte access in I²C and RF modes
In I²C mode, read and write accesses to the non-volatile Configuration byte are always
allowed. To access the Configuration byte, the device select code used for any I²C
command must have the E2 Chip enable address at 1.
The dedicated commands to access the Configuration byte in RF mode are:
●
Read configuration byte command (ReadCfg):
The ReadCfg command is used to read the eight bits of the Configuration byte.
●
Write energy harvesting configuration command (WriteEHCfg):
The WriteEHCfg command is used to write the EH_mode, EH_cfg1 and EH_cfg0 bits into
the Configuration byte.
●
Write RF WIP/BUSY pin configuration command (WriteDOCfg):
The WriteDOCfg command is used to write the RF WIP/BUSY bit into the Configuration
byte.
After any write access to the Configuration byte, the new configuration is automatically
applied.
4.3.5
Control register access in I²C or RF mode
In I²C mode, read and write accesses to the volatile Control register are always allowed. To
access the Control register, the device select code used for any I²C command must have the
E2 Chip enable address at 1.
The dedicated commands to access the Control register in RF mode are:
●
Check energy harvesting enable bit command (CheckEHEn):
The CheckEHEn command is used to read the eight bits of the Control register. When it is
run, the FIELD_ON bit is always read at 1.
●
Set/reset energy harvesting enable bit command (SetRstEHEn):
The SetRstEHEn command is used to set or reset the value of the EH_enable bit into the
Control register.
4.4
ISO 15693 system parameters
The M24LR16E-R provides the system area required by the ISO 15693 RF protocol, as
shown in Table 17.
The first 32-bit block starting from I2C address 2304 stores the I2C password. This password
is used to activate/deactivate the write protection of the protected sector in I2C mode. At
power-on, all user memory sectors protected by the I2C_Write_Lock bits can be read but
cannot be modified. To remove the write protection, it is necessary to use the I2C present
password described in Figure 12. When the password is correctly presented — that is, when
all the presented bits correspond to the stored ones — it is also possible to modify the I2C
password using the I2C write password command described in Figure 13.
The next three 32-bit blocks store the three RF passwords. These passwords are neither
read- nor write- accessible in the I2C mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com