Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 20 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 16Page - STMicroelectronics M24LR16E-R Datasheet HTML 17Page - STMicroelectronics M24LR16E-R Datasheet HTML 18Page - STMicroelectronics M24LR16E-R Datasheet HTML 19Page - STMicroelectronics M24LR16E-R Datasheet HTML 20Page - STMicroelectronics M24LR16E-R Datasheet HTML 21Page - STMicroelectronics M24LR16E-R Datasheet HTML 22Page - STMicroelectronics M24LR16E-R Datasheet HTML 23Page - STMicroelectronics M24LR16E-R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 143 page
background image
User memory organization
M24LR16E-R
20/143
Doc ID 018932 Rev 8
Figure 6.
Memory sector organization
Sector details
The M24LR16E-R user memory is divided into 16 sectors. Each sector contains 1024 bits.
The protection scheme is described in Section 4: System memory area.
In RF mode, a sector provides 32 blocks of 32 bits. Each read and write access is done by
block. Read and write block accesses are controlled by a Sector Security Status byte that
defines the access rights to the 32 blocks contained in the sector. If the sector is not
protected, a Write command updates the complete 32 bits of the selected block.
In I2C mode, a sector provides 128 bytes that can be individually accessed in Read and
Write modes. When protected by the corresponding I2C_Write_Lock bit, the entire sector is
write-protected. To access the user memory, the device select code used for any I2C
command must have the E2 Chip Enable address at 0.
MS19741V1
1 Kbit EEPROM sector
1 Kbit EEPROM sector
1 Kbit EEPROM sector
1 Kbit EEPROM sector
Sector
Area
Sector security
status
1 Kbit EEPROM sector
1 Kbit EEPROM sector
1 Kbit EEPROM sector
1 Kbit EEPROM sector
I²C password
RF password 1
RF password 2
RF password 3
8-bit DSFID
8-bit AFI
8-bit configuration
16-bit I²C Write Lock_bit
64-bit UID
0
1
2
3
12
13
14
15
5 bits
5 bits
5 bits
5 bits
5 bits
5 bits
5 bits
5 bits
System
System
System
System
System
System
System
System
80-bit SSS
System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com