Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 14 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 10Page - STMicroelectronics M24LR16E-R Datasheet HTML 11Page - STMicroelectronics M24LR16E-R Datasheet HTML 12Page - STMicroelectronics M24LR16E-R Datasheet HTML 13Page - STMicroelectronics M24LR16E-R Datasheet HTML 14Page - STMicroelectronics M24LR16E-R Datasheet HTML 15Page - STMicroelectronics M24LR16E-R Datasheet HTML 16Page - STMicroelectronics M24LR16E-R Datasheet HTML 17Page - STMicroelectronics M24LR16E-R Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 143 page
background image
Description
M24LR16E-R
14/143
Doc ID 018932 Rev 8
using the 1/256 pulse coding mode or a data rate of 26 Kbit/s using the 1/4 pulse coding
mode.
Outgoing data are generated by the M24LR16E-R load variation using Manchester coding
with one or two subcarrier frequencies at 423 kHz and 484 kHz. Data are transferred from
the M24LR16E-R at 6.6 Kbit/s in low data rate mode and 26 Kbit/s high data rate mode. The
M24LR16E-R supports the 53 Kbit/s fast mode in high data rate mode using one subcarrier
frequency at 423 kHz.
The M24LR16E-R follows the ISO 15693 and ISO 18000-3 mode 1 recommendation for
radio-frequency power and signal interface.
The M24LR16E-R provides an Energy harvesting mode on the analog output pin Vout.
When the Energy harvesting mode is activated, the M24LR16E-R can output the excess
energy coming from the RF field on the Vout analog pin. In case the RF field strength is
insufficient or when Energy harvesting mode is disabled, the analog output pin Vout goes
into high-Z state and Energy harvesting mode is automatically stopped.
The M24LR16E-R features a user configurable digital out pin RF WIP/BUSY that can be
used to drive a micro controller interrupt input pin (available only when the M24LR16E-R is
correctly powered on the Vcc pin).
When configured in the RF write in progress mode (RF WIP mode), the RF WIP/BUSY pin is
driven low for the entire duration of the RF internal write operation. When configured in the
RF busy mode (RF BUSY mode), the RF WIP/BUSY pin is driven low for the entire duration
of the RF command progress.
The RF WIP/BUSY pin is an open drain output and must be connected to a pull-up resistor.
Figure 2.
8-pin package connections
1.
See Section 30 for package dimensions, and how to identify pin-1.
Table 1.
Signal names
Signal name
Function
Direction
Vout
Energy harvesting Output
Analog output
SDA
Serial Data
I/O
SCL
Serial Clock
Input
AC0, AC1
Antenna coils
I/O
VCC
Supply voltage
RF WIP/BUSY
Digital signal
Digital output
VSS
Ground
SDA
VSS
SCL
RF WIP/BUSY
AC0
Vout
VCC
MS19742V1
1
2
3
4
8
7
6
5
AC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com