Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 15 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 11Page - STMicroelectronics M24LR16E-R Datasheet HTML 12Page - STMicroelectronics M24LR16E-R Datasheet HTML 13Page - STMicroelectronics M24LR16E-R Datasheet HTML 14Page - STMicroelectronics M24LR16E-R Datasheet HTML 15Page - STMicroelectronics M24LR16E-R Datasheet HTML 16Page - STMicroelectronics M24LR16E-R Datasheet HTML 17Page - STMicroelectronics M24LR16E-R Datasheet HTML 18Page - STMicroelectronics M24LR16E-R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 143 page
background image
M24LR16E-R
Signal descriptions
Doc ID 018932 Rev 8
15/143
2
Signal descriptions
2.1
Serial clock (SCL)
This input signal is used to strobe all data in and out of the device. In applications where this
signal is used by slave devices to synchronize the bus to a slower clock, the bus master
must have an open drain output, and a pull-up resistor must be connected from Serial Clock
(SCL) to VCC. (Figure 3 indicates how the value of the pull-up resistor can be calculated). In
most applications, though, this method of synchronization is not employed, and so the pull-
up resistor is not necessary, provided that the bus master has a push-pull (rather than open
drain) output.
2.2
Serial data (SDA)
This bidirectional signal is used to transfer data in or out of the device. It is an open drain
output that may be wire-OR’ed with other open drain or open collector signals on the bus. A
pull up resistor must be connected from Serial Data (SDA) to VCC. (Figure 3 indicates how
the value of the pull-up resistor can be calculated).
2.3
RF Write in progress / RF Busy (RF WIP/BUSY)
This configurable output signal is used either to indicate that the M24LR16E-R is executing
an internal write cycle from the RF channel or that an RF command is in progress. RF WIP
and signals are available only when the M24LR16E-R is powered by the Vcc pin. It is an
open drain output and a pull up resistor must be connected from RF WIP/BUSY to VCC.
2.4
Energy harvesting analog output (Vout)
This analog output pin is used to deliver the analog voltage Vout available when the Energy
harvesting mode is enabled and the RF field strength is sufficient. When the Energy
harvesting mode is disabled or the RF field strength is not sufficient, the energy harvesting
analog voltage output Vout is in High-Z state.
2.5
Antenna coil (AC0, AC1)
These inputs are used to connect the device to an external coil exclusively. It is advised not
to connect any other DC or AC path to AC0 or AC1.
When correctly tuned, the coil is used to power and access the device using the ISO 15693
and ISO 18000-3 mode 1 protocols.
2.5.1
Device reset in RF mode
To ensure a proper reset of the RF circuitry, the RF field must be turned off (100%
modulation) for a minimum tRF_OFF period of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com