Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 2 Page - STMicroelectronics

  M24LR16E-R Datasheet HTML 1Page - STMicroelectronics M24LR16E-R Datasheet HTML 2Page - STMicroelectronics M24LR16E-R Datasheet HTML 3Page - STMicroelectronics M24LR16E-R Datasheet HTML 4Page - STMicroelectronics M24LR16E-R Datasheet HTML 5Page - STMicroelectronics M24LR16E-R Datasheet HTML 6Page - STMicroelectronics M24LR16E-R Datasheet HTML 7Page - STMicroelectronics M24LR16E-R Datasheet HTML 8Page - STMicroelectronics M24LR16E-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 143 page
background image
Contents
M24LR16E-R
2/143
Doc ID 018932 Rev 8
Contents
1
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2
Signal descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2.1
Serial clock (SCL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2.2
Serial data (SDA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2.3
RF Write in progress / RF Busy (RF WIP/BUSY) . . . . . . . . . . . . . . . . . . . 15
2.4
Energy harvesting analog output (Vout) . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2.5
Antenna coil (AC0, AC1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2.5.1
Device reset in RF mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2.6
VSS ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2.7
Supply voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2.7.1
Operating supply voltage VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2.7.2
Power-up conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2.7.3
Device reset in I²C mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2.7.4
Power-down conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
3
User memory organization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
4
System memory area . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
4.1
M24LR16E-R block security in RF mode . . . . . . . . . . . . . . . . . . . . . . . . . 24
4.1.1
Example of the M24LR16E-R security protection in RF mode . . . . . . . 26
4.2
M24LR16E-R block security in I²C mode (I2C_Write_Lock bit area) . . . . 27
4.3
Configuration byte and Control register . . . . . . . . . . . . . . . . . . . . . . . . . . 27
4.3.1
RF WIP/BUSY pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
4.3.2
Energy harvesting configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
4.3.3
FIELD_ON indicator bit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
4.3.4
Configuration byte access in I²C and RF modes . . . . . . . . . . . . . . . . . . 30
4.3.5
Control register access in I²C or RF mode . . . . . . . . . . . . . . . . . . . . . . 30
4.4
ISO 15693 system parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
5I2C device operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
5.1
Start condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
5.2
Stop condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com