Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 19Page - STMicroelectronics M24LR16E-R Datasheet HTML 20Page - STMicroelectronics M24LR16E-R Datasheet HTML 21Page - STMicroelectronics M24LR16E-R Datasheet HTML 22Page - STMicroelectronics M24LR16E-R Datasheet HTML 23Page - STMicroelectronics M24LR16E-R Datasheet HTML 24Page - STMicroelectronics M24LR16E-R Datasheet HTML 25Page - STMicroelectronics M24LR16E-R Datasheet HTML 26Page - STMicroelectronics M24LR16E-R Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 143 page
background image
M24LR16E-R
User memory organization
Doc ID 018932 Rev 8
23/143
15
480
1920
user
user
user
user
481
1924
user
user
user
user
482
1928
user
user
user
user
483
1932
user
user
user
user
484
1936
user
user
user
user
485
1940
user
user
user
user
486
1944
user
user
user
user
487
1948
user
user
user
user
488
1952
user
user
user
user
489
1956
user
user
user
user
490
1960
user
user
user
user
491
1964
user
user
user
user
492
1968
user
user
user
user
493
1972
user
user
user
user
494
1976
user
user
user
user
495
1980
user
user
user
user
496
1984
user
user
user
user
497
1988
user
user
user
user
498
1992
user
user
user
user
499
1996
user
user
user
user
500
2000
user
user
user
user
501
2004
user
user
user
user
502
2008
user
user
user
user
503
2012
user
user
user
user
504
2016
user
user
user
user
505
2020
user
user
user
user
506
2024
user
user
user
user
507
2028
user
user
user
user
508
2032
user
user
user
user
509
2036
user
user
user
user
510
2040
user
user
user
user
511
2044
user
user
user
user
Table 5.
Sector details (continued)
Sector
number
RF block
address
I2C byte
address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com