Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 22Page - STMicroelectronics M24LR16E-R Datasheet HTML 23Page - STMicroelectronics M24LR16E-R Datasheet HTML 24Page - STMicroelectronics M24LR16E-R Datasheet HTML 25Page - STMicroelectronics M24LR16E-R Datasheet HTML 26Page - STMicroelectronics M24LR16E-R Datasheet HTML 27Page - STMicroelectronics M24LR16E-R Datasheet HTML 28Page - STMicroelectronics M24LR16E-R Datasheet HTML 29Page - STMicroelectronics M24LR16E-R Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 143 page
background image
System memory area
M24LR16E-R
26/143
Doc ID 018932 Rev 8
●
Present-sector password:
The Present-sector password command is used to present one of the three passwords
to the M24LR16E-R in order to modify the access rights of all the memory sectors
linked to that password (Table 8) including the password itself. If the presented
password is correct, the access rights remain activated until the tag is powered off or
until a new Present-sector password command is issued. If the presented password
value is not correct, all the access rights of all the memory sectors are deactivated.
●
Sector security status byte area access conditions in I2C mode:
In I2C mode, read access to the sector security status byte area is always allowed.
Write access depends on the correct presentation of the I2C password (see
Section 5.16.1: I2C present password command description).
To access the Sector security status byte area, the device select code used for any I2C
command must have the E2 Chip Enable address at 1.
An I2C write access to a sector security status byte re-initializes the RF access
condition to the given memory sector.
4.1.1
Example of the M24LR16E-R security protection in RF mode
Table 11 and Table 12 show the sector security protections before and after a valid Present-
sector password command. Table 11 shows the sector access rights of an M24LR16E-R
after power-up. After a valid Present-sector password command with password 1, the
memory sector access is changed as shown in Table 12.
Table 11.
M24LR16E-R sector security protection after power-up
Sector
address
Sector security status byte
b7b6b5 b4 b3 b2 b1 b0
0
Protection: standard
Read
No Write
xxx
0000
1
1
Protection: pswd 1
Read
No Write
xxx
0100
1
2
Protection: pswd 1
Read
Write
xxx
0101
1
3
Protection: pswd 1
No Read
No Write
xxx
0110
1
4
Protection: pswd 1
No Read
No Write
xxx
0111
1
Table 12.
M24LR16E-R sector security protection after a valid presentation of
password 1
Sector
address
Sector security status byte
b7b6b5
b4 b3 b2 b1 b0
0
Protection: standard
Read
No Write
xxx
0
0
0
0
1
1
Protection: pswd 1
Read
Write
xxx
0
1
0
0
1
2
Protection: pswd 1
Read
Write
xxx
0
1
0
1
1
3
Protection: pswd 1
Read
Write
xxx
0
1
1
0
1
4
Protection: pswd 1
Read
No Write
xxx
0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com