Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 79 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 79 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 75Page - STMicroelectronics M24LR16E-R Datasheet HTML 76Page - STMicroelectronics M24LR16E-R Datasheet HTML 77Page - STMicroelectronics M24LR16E-R Datasheet HTML 78Page - STMicroelectronics M24LR16E-R Datasheet HTML 79Page - STMicroelectronics M24LR16E-R Datasheet HTML 80Page - STMicroelectronics M24LR16E-R Datasheet HTML 81Page - STMicroelectronics M24LR16E-R Datasheet HTML 82Page - STMicroelectronics M24LR16E-R Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 143 page
background image
M24LR16E-R
Timing definition
Doc ID 018932 Rev 8
79/143
25
Timing definition
25.1
t1: M24LR16E-R response delay
Upon detection of the rising edge of the EOF received from the VCD, the M24LR16E-R
waits for a time t1nom before transmitting its response to a VCD request or switching to the
next slot during an inventory process. Values of t1 are given in Table 35. The EOF is defined
in Figure 22.
25.2
t2: VCD new request delay
t2 is the time after which the VCD may send an EOF to switch to the next slot when one or
more M24LR16E-R responses have been received during an Inventory command. It starts
from the reception of the EOF from the M24LR16E-Rs.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the
modulation index used for transmitting the VCD request to the M24LR16E-R.
t2 is also the time after which the VCD may send a new request to the M24LR16E-R, as
described in Figure 48.
Values of t2 are given in Table 35.
25.3
t3: VCD new request delay when no response is received
from the M24LR16E-R
t3 is the time after which the VCD may send an EOF to switch to the next slot when no
M24LR16E-R response has been received.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the
modulation index used for transmitting the VCD request to the M24LR16E-R.
From the time the VCD has generated the rising edge of an EOF:
●
If this EOF is 100% modulated, the VCD waits for a time at least equal to t3min before
sending a new EOF.
●
If this EOF is 10% modulated, the VCD waits for a time at least equal to the sum of t3min
+ the M24LR16E-R nominal response time (which depends on the M24LR16E-R data
rate and subcarrier modulation mode) before sending a new EOF.
Table 35.
Timing values(1)
1.
The tolerance of specific timings is ± 32/fC.
Minimum (min) values
Nominal (nom) values
Maximum (max) values
t1
318.6 µs
320.9 µs
323.3 µs
t2
309.2 µs
No tnom
No tmax
t3
t1max
(2) + t
SOF
(3)
2.
t1max does not apply for write-alike requests. Timing conditions for write-alike requests are defined in the
command description.
3.
tSOF is the time taken by the M24LR16E-R to transmit an SOF to the VCD. tSOF depends on the current
data rate: High data rate or Low data rate.
No tnom
No tmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com