Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 117 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 117 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 113Page - STMicroelectronics M24LR16E-R Datasheet HTML 114Page - STMicroelectronics M24LR16E-R Datasheet HTML 115Page - STMicroelectronics M24LR16E-R Datasheet HTML 116Page - STMicroelectronics M24LR16E-R Datasheet HTML 117Page - STMicroelectronics M24LR16E-R Datasheet HTML 118Page - STMicroelectronics M24LR16E-R Datasheet HTML 119Page - STMicroelectronics M24LR16E-R Datasheet HTML 120Page - STMicroelectronics M24LR16E-R Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 143 page
background image
M24LR16E-R
Command codes
Doc ID 018932 Rev 8
117/143
When configured in the RF busy mode, the RF WIP/BUSY pin is tied to 0 from the SOF that
starts the ReadCfg command to the end of the M24LR16E-R response.
When configured in the RF write in progress mode, the RF WIP/BUSY pin remains in high-Z
state.
26.24
WriteEHCfg
On receiving the WriteEHCfg command, the M24LR16E-R writes the data contained in the
request to the Configuration byte and reports whether the write operation was successful in
the response. The Protocol_extension_flag should be set to 0 for the M24LR16E-R to
operate correctly. If the Protocol_extension_flag is at 1, the M24LR16E-R answers with an
error code.
The Option_flag is supported, the Inventory_flag is not supported.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%),
otherwise, the M24LR16E-R may not program correctly the data into the Configuration byte.
The Wt time is equal to t1nom + 18 × 302 µs.
Request parameters:
●
Request flags
●
UID (optional)
●
Data: during WriteEHCfg command, bit 3 of the data is ignored (see Table 14).
Response parameter:
●
No parameter. The response is send back after the writing cycle.
Response parameter:
●
Error code as Error_flag is set:
–
13h: the specified block was not successfully programmed
Table 106.
WriteEHCfg request format
Request
SOF
Request_
flags
WriteEHCfg
IC Mfg
code
UID(1)
1.
Gray means that the field is optional.
Data
CRC16
Request
EOF
8 bits
A1h
02h
64 bits
8 bits
16 bits
Table 107.
WriteEHCfg response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
8 bits
16 bits
Table 108.
WriteEHCfg response format when Error_flag is set
Response
SOF
Response_
flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com