Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR16E-R Datasheet(PDF) 142 Page - STMicroelectronics

Part # M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Datasheet(HTML) 142 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 135Page - STMicroelectronics M24LR16E-R Datasheet HTML 136Page - STMicroelectronics M24LR16E-R Datasheet HTML 137Page - STMicroelectronics M24LR16E-R Datasheet HTML 138Page - STMicroelectronics M24LR16E-R Datasheet HTML 139Page - STMicroelectronics M24LR16E-R Datasheet HTML 140Page - STMicroelectronics M24LR16E-R Datasheet HTML 141Page - STMicroelectronics M24LR16E-R Datasheet HTML 142Page - STMicroelectronics M24LR16E-R Datasheet HTML 143Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 142 / 143 page
background image
Revision history
M24LR16E-R
142/143
Doc ID 018932 Rev 8
Revision history
Table 133.
Document revision history
Date
Revision
Changes
24-Jun-2011
1
Initial release.
28-Jul-2011
2
Updated Description, Table 118: Absolute maximum ratings,
Table 126: Energy harvesting.
Added figures 52, 56, 57, 82 to 86.
29-Jul-2011
3
Updated IC Ref data.
29-Jul-2011
4
Updated IC Ref data from 4Fh to 4Eh.
09-Aug-2011
5
Updated:
– Table 126: Energy harvesting
– Section 5.6: Memory addressing
– Figure 12: I2C present password command
– Figure 13: I2C write password command
09-Nov-2011
6
Updated:
– Table 118: Absolute maximum ratings
– Table 122: I2C DC characteristics
– Table 124: RF characteristics
– Table 126: Energy harvesting
– Figure 81: ASK modulated signal
– Figure 82: Vout min vs. Isink
– Figure 83: Range 11 domain
– Figure 84: Range 10 domain
– Figure 85: Range 01 domain
– Figure 86: Range 00 domain
13-Dec-2011
7
Modified Table 10: Password system area on page 25 (Removed “Add”
column).
Modified Table 126: Energy harvesting on page 130 (4.5 V max
instead of 4.0 V max).
12-Jun-2012
8
Updated Table 5: Sector details on page 21 and Figure 49:
M24LR16E-R state transition diagram.
Updated clock pulse width values in Table 123: I2C AC characteristics
on page 126.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com