Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956CGEFL/V Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
39
HEADPHONE JACK DETECT
The GPIO1, LINPUT3/JD2 and RINPUT3/JD3 pins can be selected as headphone jack detect inputs
to automatically disable the speaker output and enable the headphone output e.g. when a headphone
is plugged into a jack socket. In this mode, enabled by setting HPSWEN, the headphone detect input
pin switches between headphone and speaker outputs (e.g. when the pin is connected to a
mechanical switch in the headphone socket to detect plug-in). The HPSEL[1:0] bits select the input
pin used for this function. The HPSWPOL bit reverses the pin’s polarity. Note that the LOUT1,
ROUT1, SPKL and SPKR bits in register 26 must also be set for headphone and speaker output (see
Table 23 and Table 24).
TOEN must also be set to enable the clock which is used for de-bouncing the jack detect input.
TOCLKSEL selects a fast or slow de-bounce period. Note that SYSCLK must be enabled to use this
function.
When using capless mode, the OUT3CAP bit should be enabled so that OUT3 is enabled/disabled at
the same time as HP_L and HP_R to prevent pop noise.
The debounced headphone detect signal can also be output to the GPIO1 pin (See GPIO section).
This function is not available when using GPIO1 as an input.
When using the GPIO1 pin as a headphone detect input, the ALRCGPIO register bit needs to be set
to 1 (See GPIO section for more information).
Note:
When LINPUT3 or RINPUT3 is used as the headphone detect input, the thresholds become CMOS
levels (0.3 AVDD / 0.7 AVDD).
HPSWEN HPSWPOL
HEADPHONE
DETECT PIN
(LINPUT3/JD2,
RINPUT3/JD3 OR
GPIO1)
L/ROUT1
(AND OUT3
IN
CAPLESS
MODE)
(REG. 26)
SPKL/R
(REG. 26)
HEADPHONE
ENABLED
(AND OUT3 IN
CAPLESS
MODE)
SPEAKER
ENABLED
0
X
X
0
0
no
no
0
X
X
0
1
no
yes
0
X
X
1
0
yes
no
0
X
X
1
1
yes
yes
1
0
0
X
0
no
no
1
0
0
X
1
no
yes
1
0
1
0
X
no
no
1
0
1
1
X
yes
no
1
1
0
0
X
no
no
1
1
0
1
X
yes
no
1
1
1
X
0
no
no
1
1
1
X
1
no
yes
Table 23 Headphone Jack Detect Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com