Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956CGEFL/V Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
76
Figure 46 Speaker Equivalent Circuit
PCB LAYOUT CONSIDERATIONS
The efficiency of the speaker drivers is affected by the series resistance between the WM8956 and
the speaker (e.g. inductor ESR) as shown in Figure 47. This resistance should be as low as possible
to maximise efficiency.
Figure 47 Speaker Connection Losses
The distance between the WM8956 and the speakers should be kept to a minimum to reduce series
resistance, and also to reduce EMI. Further reductions in EMI can be achieved by additional passive
filtering and/or shielding as shown in Figure 48. When additional passive filtering is used, low ESR
components should be chosen to minimise series resistance between the WM8956 and the speaker,
maximising efficiency.
LC passive filtering will usually be effective at reducing EMI at frequencies up to around 30MHz. To
reduce emissions at higher frequencies, ferrite beads placed as close to the device as possible will be
more effective.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com