Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956CGEFL/V Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
44
Figure 26 I
2S Justified Audio Interface (assuming n-bit word length)
In DSP/PCM mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A) rising
edge of BCLK (selectable by LRP) following a rising edge of LRC. Right channel data immediately
follows left channel data. Depending on word length, BCLK frequency and sample rate, there may be
unused BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRC output will resemble the frame pulse shown in Figure 27 and Figure
28. In device slave mode, Figure 29 and Figure 30, it is possible to use any length of frame pulse less
than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK period before
the rising edge of the next frame pulse.
Figure 27 DSP/PCM Mode Audio Interface (mode A, LRP=0, Master)
Figure 28 DSP/PCM Mode Audio Interface (mode B, LRP=1, Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com