Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956CGEFL/V Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
31
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38 (26h)
Mono Out Mix
(1)
7
L2MO
0
Left Output Mixer to Mono Output Mixer
Control
0 = Left channel mix disabled
1 = Left channel mix enabled
R39 (27h)
Mono Out Mix
(2)
7
R2MO
0
Right Output Mixer to Mono Output
Mixer Control
0 = Right channel mix disabled
1 = Right channel mix enabled
R42 (2Ah)
Mono Out
Volume
6
MOUTVOL
1
Mono Output Mixer Volume Control
0 = 0dB
1 = -6dB
Table 17 Output Mixer Enable Control
When left and right inputs to the mono mixer are both disabled, the mono mixer will output VMID.
ANALOGUE OUTPUTS
HP_L AND HP_R OUTPUTS
The HP_L and HP_R pins can drive a 16
 or 32 headphone or a line output (see Headphone
Output and Line Output sections, respectively). The signal volume on HP_L and HP_R can be
independently adjusted under software control by writing to LOUT1VOL and ROUT1VOL,
respectively. Note that gains over 0dB may cause clipping if the signal is large. Any gain setting below
0101111 (minimum) mutes the output driver. The corresponding output pin remains at the same DC
level (the reference voltage on the VREF pin), so that no click noise is produced when muting or un-
muting.
A zero cross detect on the analogue output may also be enabled when changing the gain setting to
minimize audible clicks and zipper noise as the gain updates. If zero cross is enabled a timeout is
also available to update the gain if a zero cross does not occur. This function may be enabled by
setting TOEN in register R23 (17h). The timeout period is set by TOCLKSEL. Note that SYSCLK must
be enabled to use this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com