Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956CGEFL/V Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
47
MASTER MODE DACLRC ENABLE
In master mode, by default DACLRC and BCLK are disabled when the DACs are both disabled.
Figure 31 Master Mode Clock Output Control
COMPANDING
The WM8956 supports A-law and
-law companding. Companding can be enabled on the DAC audio
interface by writing the appropriate value to the DACCOMP register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
Audio
Interface (2)
4:3
DACCOMP
00
DAC companding
00 = off
01 = reserved
10 = µ-law
11 = A-law
5
WL8
0
0 = off
1 = device operates in 8-bit mode.
Table 29 Companding Control
Companding involves using a piecewise linear approximation of the following equations (as set out by
ITU-T G.711 standard) for data compression:
-law (where =255 for the U.S. and Japan):
F(x) = ln( 1 +
|x|) / ln( 1 + )
-1 ≤ x ≤ 1
A-law (where A=87.6 for Europe):
F(x) = A|x| / ( 1 + lnA)
 for x ≤ 1/A
F(x) = ( 1 + lnA|x|) / (1 + lnA)
 for 1/A ≤ x ≤ 1
The companded data is also inverted as recommended by the G.711 standard (all 8 bits are inverted
for
-law, all even data bits are inverted for A-law). The data will be transmitted as the first 8 MSB’s
of data.
Companding converts 13 bits (
-law) or 12 bits (A-law) to 8 bits using non-linear quantization. The
input data range is separated into 8 levels, allowing low amplitude signals better precision than that of
high amplitude signals. This is to exploit the operation of the human auditory system, where louder
sounds do not require as much resolution as quieter sounds. The companded signal is an 8-bit word
containing sign (1-bit), exponent (3-bits) and mantissa (4-bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com