Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956CGEFL/V Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8956CGEFL/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
4
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
MICBIAS
Analogue Output
Microphone bias
2
LINPUT3 / JD2
Analogue Input
Left channel line input /
Left channel positive differential MIC input /
Jack detect input pin
3
LINPUT2
Analogue Input
Left channel line input /
Left channel positive differential MIC input
4
LINPUT1
Analogue Input
Left channel single-ended MIC input /
Left channel negative differential MIC input
5
RINPUT1
Analogue Input
Right channel single-ended MIC input /
Right channel negative differential MIC input
6
RINPUT2
Analogue Input
Right channel line input /
Right channel positive differential MIC input
7
RINPUT3 / JD3
Analogue Input
Right channel line input /
Right channel positive differential MIC input /
Jack detect input pin
8
DCVDD
Supply
Digital core supply
9
DGND
Supply
Digital ground (Return path for both DCVDD and DBVDD)
10
DBVDD
Supply
Digital buffer (I/O) supply
11
MCLK
Digital Input
Master clock
12
BCLK
Digital Input / Output
Audio interface bit clock
13
DACLRC
Digital Input / Output
Audio interface DAC left / right clock
14
DACDAT
Digital Input
DAC digital audio data
15
GPIO1
Digital Input / Output
GPIO1 pin
16
DNC
Do not connect
Leave this pin floating
17
SCLK
Digital Input
Control interface clock input
18
SDIN
Digital Input/Output
Control interface data input / 2-wire acknowledge output
19
SPK_RN
Analogue Output
Right speaker negative output
20
SPKGND2
Supply
Ground for speaker drivers 2
21
SPKVDD2
Supply
Supply for speaker drivers 2
22
SPK_RP
Analogue Output
Right speaker positive output
23
SPK_LN
Analogue Output
Left speaker negative output
24
SPKGND1
Supply
Ground for speaker drivers 1
25
SPK_LP
Analogue Output
Left speaker positive output
26
SPKVDD1
Supply
Supply for speaker drivers 1
27
VMID
Analogue Output
Midrail voltage decoupling capacitor
28
AGND
Supply
Analogue ground (Return path for AVDD)
29
HP_R
Analogue Output
Right output (Line or headphone)
30
OUT3
Analogue Output
Mono, left, right or buffered midrail output for capless mode
31
HP_L
Analogue Output
Left output (Line or headphone)
32
AVDD
Supply
Analogue supply
33
GND_PADDLE
Die Paddle (Note 1)
Note:
1.
It is recommended that the QFN ground paddle should be connected to analogue ground on the application PCB.
2.
Refer to the application note WAN_0118 on “Guidelines on How to Use QFN Packages and Create Associated PCB
Footprints”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com