Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956CGEFL/V Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
41
THERMAL SHUTDOWN
The speaker and headphone outputs can drive very large currents. To protect the WM8956 from
overheating a thermal shutdown circuit is included and is enabled by default. If the device
temperature reaches approximately 150
0C and the thermal shutdown circuit is enabled (TSDEN = 1;
TSENSEN = 1) the speaker and headphone amplifiers (HP_L, HP_R, SPK_LP, SPK_LN, SPK_RP,
SPK_RN and OUT3) will be disabled. This feature can be disabled to save power when the device is
in standby mode.
TSENSEN must be set to 1 to enable the temperature sensor when using the TSDEN thermal
shutdown function. The output of the temperature sensor can also be output to the GPIO1 pin.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control (1)
8
TSDEN
1
Thermal Shutdown Enable
0 = Thermal shutdown disabled
1 = Thermal shutdown enabled
(TSENSEN must be enabled for this
function to work)
R48 (30h)
Additional
Control (4)
1
TSENSEN
1
Temperature Sensor Enable
0 = Temperature sensor disabled
1 = Temperature sensor enabled
Table 25 Thermal Shutdown
GENERAL PURPOSE INPUT/OUTPUT
The WM8956 has two dual purpose GPIO pins and one dedicated GPIO pin.
LINPUT3/JD2: Analogue input or headphone detect input.
RINPUT3/JD3: Analogue input or headphone detect input.
GPIO1: GPIO pin.
The GPIO1 pin can be configured as a headphone detect input, or one of a number of GPIO output
functions as shown in Table 26.
The default configuration for the LINPUT3 and RINPUT2 pins is to be analogue inputs. The
ALRCGPIO bit must be set to enable GPIO1 pin to operate as a GPIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com