Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956CGEFL/V Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
30
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R34 (22h)
Left Output
Mixer Control
8
LD2LO
0
Left DAC to Left Output Mixer
0 = Disable (Mute)
1 = Enable Path
7
LI2LO
0
LINPUT3 to Left Output Mixer
0 = Disable (Mute)
1 = Enable Path
6:4
LI2LOVOL
[2:0]
101
(-15dB)
LINPUT3 to Left Output Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
R45 (2Dh)
Bypass (1)
7
LB2LO
0
Left Input Boost Mixer to Left Output
Mixer
0 = Disable (Mute)
1 = Enable Path
6:4
LB2LOVOL
[2:0]
101
(-15dB)
Left Input Boost Mixer to Left Output
Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
R37 (25h)
Right Output
Mixer Control
8
RD2RO
0
Right DAC to Right Output Mixer
0 = Disable (Mute)
1 = Enable Path
7
RI2RO
0
RINPUT3 to Right Output Mixer
0 = Disable (Mute)
1 = Enable Path
6:4
RI2ROVOL
[2:0]
101
(-15dB)
RINPUT3 to Right Output Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
R46 (2Eh)
Bypass (2)
7
RB2RO
0
Right Input Boost Mixer to Right Output
Mixer
0 = Disable (Mute)
1 = Enable Path
6:4
RB2ROVOL
[2:0]
101
(-15dB)
Right Input Boost Mixer to Right Output
Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
Table 16 Left and Right Output Mixer Mute and Volume Control
The mono output mixer can output, left, right, left+right or a buffered VMID. 0dB or 6dB attenuation is
selectable using MOUTVOL register bit. It is recommended to attenuate a mono mix of left and right
channels by 6dB in order to prevent clipping. This attenuation control (MOUTVOL) should not be
modified while OUT3 is enabled as this may cause an audible click noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com