Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956CGEFL/V Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
7
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = SPKVDD1 = SPKVDD2 = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB,
24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to Line-Out (HP_L or HP_R with 10k
 / 50pF load)
Signal to Noise Ratio
(A-weighted)
SNR
AVDD=3.3V
90
99
dB
AVDD=2.7V
98
Total Harmonic Distortion Plus
Noise
THD+N
AVDD=3.3V
-85
-80
dB
AVDD=2.7V
-90
Total Harmonic Distortion
THD
AVDD=3.3V
-87
-80
dB
AVDD=2.7V
-92
Channel Separation
1kHz full scale signal
110
dB
DAC to Line-Out (OUT3 with 10k
 / 50pF load)
Signal to Noise Ratio
(A-weighted)
SNR
AVDD=3.3V
99
dB
AVDD=2.7V
98
Total Harmonic Distortion Plus
Noise
THD+N
AVDD=3.3V
-85
dB
AVDD=2.7V
-90
Total Harmonic Distortion
THD
AVDD=3.3V
-87
dB
AVDD=2.7V
-92
Channel Separation
1kHz full scale signal
110
dB
Headphone Output (HP_L, HP_R, using capacitors unless otherwise specified)
Output Power per channel
PO
Output power is very closely correlated with THD; see below.
Total Harmonic Distortion Plus
Noise
THD+N
AVDD=2.7V, RL=32
PO=5mW
-78
0.013
dB
%
AVDD=2.7V, RL=16
PO=5mW
-75
0.018
AVDD=3.3V, RL=32,
PO=20mW
-72
0.025
AVDD=3.3V, RL=16,
PO=20mW
-70
0.032
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 3.3V
92
99
dB
AVDD = 2.7V
98
Speaker Outputs (DAC to SPK_LP, SPK_LN, SPK_RP, SPK_RN with 8
 bridge tied load)
Output Power
PO
Output power is very closely correlated with THD; see below
Total Harmonic Distortion Plus
Noise
(DAC to speaker outputs)
THD+N
PO =200mW, RL = 8,
SPKVDD1=SPKVDD2
=3.3V; AVDD=3.3V
-78
0.013
dB
%
PO =320mW, RL = 8,
SPKVDD1=SPKVDD2
=3.3V; AVDD=3.3V
-72
0.025
dB
%
PO =500mW, RL = 8,
SPKVDD1=SPKVDD2
=5V; AVDD=3.3V
-75
0.018
dB
%
PO =1W, RL = 8,
SPKVDD1=SPKVDD2
=5V; AVDD=3.3V
-70
0.032
dB
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com