Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956CGEFL/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
17
INPUT SIGNAL PATH
The WM8956 has three flexible stereo analogue input channels which can be configured as line
inputs, differential microphone inputs or single-ended microphone inputs. Line inputs and microphone
PGA outputs can be routed directly to the output mixers via a bypass path.
MICROPHONE INPUTS
Differential microphones can be connected between LINPUT1 and LINPUT2 or LINPUT3, and
between RINPUT1 and RINPUT2 or RINPUT3. Alternatively single-ended microphones can be
connected to LINPUT1 or RINPUT1.
In single-ended microphone input configuration the microphone signal should be input to LINPUT1 or
RINPUT1 and the internal non-inverting input of the input PGA should be switched to VMID.
In differential mode the larger signal should be input to LINPUT2 or LINPUT3 on the left channel, or
RINPUT2 or RINPUT3 on the right channel. The smaller (e.g. noisy ground connection) should be
input to LINPUT1 or RINPUT1.
The gain of the microphone PGAs is controlled directly via software.
The inputs LINPUT2, RINPUT2, LINPUT3 and RINPUT3 should not be connected to the boost mixer
or bypass path while operating as the non-inverting input in differential microphone configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com