Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956CGEFL/V Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8956CGEFL/V
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956CGEFL/V Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8956CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8956CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
29
OUTPUT MIXERS
Left and right analogue mixers allow the DAC output and analogue bypass paths to be mixed.
Programmable attenuation and mute is available on the analogue bypass paths from LINPUT3,
RINPUT3 and from the input boost mixers as shown in Figure 13. A mono mix of left and right output
mixers is also available on OUT3.
Figure 13 Output Mixer Path
Left and right mixers are enabled by the LOMIX and ROMIX register bits. The mono mixer is enabled
by OUT3 register bit, which also enables the OUT3 driver.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R47 (2Fh)
Power
Management
(3)
3
LOMIX
0
Left Output Mixer Enable Control
0 = Disabled
1 = Enabled
4
ROMIX
0
Right Output Mixer Enable Control
0 = Disabled
1 = Enabled
R26 (1Ah)
Power
Management
(2)
1
OUT3
0
Mono Output and Mono Mixer Enable
Control
0 = Mono mixer and output disabled
1 = Mono mixer and output enabled
Table 15 Output Mixer Enable Control
Inputs to the mixers from the DAC and bypass paths can be individually muted. The bypass paths
have programmable attenuation as shown in Table 16. To prevent pop noise, it is recommended not
to change volume levels of these paths during playback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com