Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961GEFL/V Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
39
DAC DE-EMPHASIS
Digital de-emphasis can be applied to the DAC playback data (e.g. when the data comes from a CD
with pre-emphasis used in the recording). De-emphasis filtering is available for sample rates of 48kHz,
44.1kHz and 32kHz.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC and DAC
Control (1)
2:1
DEEMPH
[1:0]
00
De-Emphasis Control
11 = 48kHz sample rate
10 = 44.1kHz sample rate
01 = 32kHz sample rate
00 = No de-emphasis
Table 21 DAC De-Emphasis Control
DAC MONO MIX
In normal operation, the left and right channel digital audio data is converted to analogue in two
separate DACs. There is a mono-mix mode where the two audio channels are mixed together digitally
and then converted to analogue using only one DAC (enabled DAC), while the other DAC must be
disabled.
Only one DAC must be enabled in order to use this function.
A DAC digital mono-mix mode can be enabled using the DMONOMIX register bit.
To prevent clipping, a -6dB attenuation is automatically applied to the mono mix.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control (1)
4
DMONOMIX
0
DAC Mono Mix
0 = Stereo
1 = Mono (Mono mix output on
enabled DAC)
Table 22 DAC Mono Mix
DAC OUTPUT PHASE
The DAC output defaults to be non-inverted. Setting DACPOL[0] bit will invert the left DAC output
phase and setting DACPOL[1] bit will invert the right DAC output phase.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
ADC and DAC
Control (2)
6:5
DACPOL[1:0]
00
DAC Data invert
00 : Both Channels normal polarity
01 : Left Channel Inverted
10 : Right Channel Inverted
11 : Both Channels Inverted
Table 23 DAC Phase Invert Select
DAC SLOPING STOP-BAND FILTER
Two DAC filter types are available, selected by the register bit DACSLOPE. When operating at lower
sample rates (e.g. during voice communication) it is recommended that the sloping stop-band filter
type is selected (DACSLOPE =1) to reduce out-of-band noise which can be audible at low DAC
sample rates. See "Digital Filter Characteristics" section for details of DAC filters characteristics.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h) ADC &
DAC Control 2
1
DACSLOPE
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stop-band mode
Table 24 DAC Sloping Stop-band Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com