Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961GEFL/V Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
19
DEVICE DESCRIPTION
INTRODUCTION
The WM8961 is a low power audio CODEC offering a combination of high quality audio, advanced
features, low power and small size. These characteristics make it ideal for portable digital audio
applications with stereo speaker and headphone outputs such as games consoles, portable media
players and multimedia phones.
A flexible input configuration supports a single-ended stereo microphone interface. A boost amplifier is
available for additional gain on the microphone inputs. A programmable gain amplifier (PGA) with an
automatic level control (ALC) function can be used to maintain a constant microphone recording
volume.
Stereo class D speaker drivers can provide >1W per channel into 8
Ω loads. BTL configuration
provides high power output and excellent PSRR.
Highly flexible output speaker boost settings provide fully internal level-shifting of analogue output
signals, allowing speaker output power to be maximised while minimising other analogue supply
currents, and requiring no additional components.
A dual mode (Level Shifting or Inverting Mode) charge pump generates split supplies for the
headphone output amplifiers allowing these to be ground referenced.
A DC servo to remove offsets from the headphone outputs, low leakage and a user controlled power-
up/power-down Control Sequencer provides powerful pop and click suppression mechanisms which
enable direct battery connection. These anti-pop/click mechanisms, and no requirement for any
external DC blocking capacitors to the headphone, results in a reduced external component count and
reduced power consumption in portable battery-powered applications.
The hi-fi quality stereo ADC and DAC uses a 24-bit, low-order over-sampling architecture to deliver
optimum performance. ADC and DAC operate at the same sample rate.
The WM8961 has a configurable digital audio interface where ADC data can be read and digital audio
playback data fed to the DAC. It supports a number of audio data formats including I
2S, DSP Mode (a
burst mode in which frame sync plus two data packed words are transmitted), MSB-First, left justified
and MSB-First, right justified, and can operate in master or slave modes. In PCM mode A-law and
μ-
law companding is supported.
The SYSCLK (internal system clock) provides clocking for all internal functions. SYSCLK is derived
directly from the MCLK pin. All MCLK frequencies typically used in portable systems are supported for
sample rates between 8 kHz and 48 kHz. The ADC and DAC must be configured to operate at the
same sample rate. A flexible switching clock for the class D speaker drivers (synchronous with the
audio DSP clocks for best performance) is also derived from SYSCLK.
To allow full software control over all its features, the WM8961 uses a 2 wire serial control interface,
with full read-back capability on all registers. It is fully compatible with, and an ideal partner to, a wide
range of industry standard microprocessors, controllers and DSPs. Unused functions can be disabled
via software to save power, while low leakage currents extend standby and off time in portable
battery-powered applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com