Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961GEFL/V Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
63
AUDIO INTERFACE OUTPUT TRISTATE
Register bit TRIS, register 24(18h) bit[3] can be used to tri-state the ADCDAT pin and switch LRC and
BCLK to inputs. In Slave mode (MS=0) LRC and BCLK are by default configured as inputs and only
ADCDAT will be tri-stated, (see Table 45).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Additional
Control (2)
3
TRIS
0
Tri-states ADCDAT and switches LRC and
BCLK to inputs.
0 = ADCDAT is an output; LRC and BCLK are
inputs (slave mode) or outputs (master mode)
1 = ADCDAT is tri-stated; LRC and BCLK are
inputs
Table 45 Tri-stating the Audio Interface
COMPANDING
The WM8961 supports A-law and
μ-law companding on both transmit (ADC) and receive (DAC) sides.
Companding can be enabled on the DAC or ADC audio interfaces by writing the appropriate value to
the DACCOMP or ADCCOMP register bits respectively.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
Audio
Interface (2)
2:1
ADCCOMP
00
ADC companding
00 = off
01 = reserved
10 = μ-law
11 = A-law
4:3
DACCOMP
00
DAC companding
00 = off
01 = reserved
10 = μ-law
11 = A-law
Table 46 Companding Control
Companding involves using a piecewise linear approximation of the following equations (as set out by
ITU-T G.711 standard) for data compression:
μ-law (where μ=255 for the U.S. and Japan):
F(x) = ln( 1 +
μ|x|) / ln( 1 + μ)
-1 ≤ x ≤ 1
26
law (where A=87.6 for Europe):
F(x) = A|x| / ( 1 + lnA)
} for x ≤ 1/A
F(x) = ( 1 + lnA|x|) / (1 + lnA)
} for 1/A ≤ x ≤ 1
The companded data is also inverted as recommended by the G.711 standard (all 8 bits are inverted
for
μ-law, all even data bits are inverted for A-law). The data will be transmitted as the first 8 MSB’s of
data.
Companding converts 13 bits (
μ-law) or 12 bits (A-law) to 8 bits using non-linear quantization. The
input data range is separated into 8 levels, allowing low amplitude signals better precision than that of
high amplitude signals. This is to exploit the operation of the human auditory system, where louder
sounds do not require as much resolution as quieter sounds. The companded signal is an 8-bit word
containing sign (1-bit), exponent (3-bits) and mantissa (4-bits).
8-bit mode is automatically selected during companding. That is whenever DACCOMP[2]=1 or
ADCCOMP[2]=1. The use of 8-bit data allows samples to be passed using as few as 8 BCLK cycles
per LRC frame. When using DSP mode B, 8-bit data words may be transferred consecutively every 8
BCLK cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com