Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961GEFL/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
42
+
-
AGND
+
+
VPOS
VNEG
+
-
AGND
+
+
VPOS
VNEG
Left Headphone
Analog Output Stage
Right Headphone
Analog Output Stage
DC Servo
R61, DCS_ENA_CHAN_HPL
R61, DCS_ENA_CHAN_HPR
HPL_VOL[2:0]
HPR_VOL[2:0]
HP_L
HP_R
-
+
Left Headphone PGA
-
+
Right Headphone PGA
R2, LOUT1VOL[6:0]
R2, LOUT1VOL[6:0]
R26, LOUT1_PGA
R3, ROUT1VOL[6:0]
R3, ROUT1VOL[6:0]
R26, ROUT1_PGA
-73dB to +6dB, in
steps of 1dB
-73dB to +6dB, in
steps of 1dB
LDAC
RDAC
Figure 18 Headphone Analogue Output Stage
HEADPHONE VOLUME PGA
The signal volume on HP_L and HP_R can be independently adjusted under software control by
writing to LOUT1VOL and ROUT1VOL, respectively. Note that gains over 0dB may cause clipping if
the signal is large. Any gain setting below 0101111 (minimum) mutes the output driver.
The LOUT1VOL and ROUT1VOL register writes should only be carried out after the charge pump has
been enabled, see the “Charge Pump” section for details.
A zero cross detect on the analogue output may also be enabled when changing the gain setting to
minimize audible clicks and zipper noise as the gain updates. If zero cross is enabled a timeout is also
available to update the gain if a zero cross does not occur. This function may be enabled by setting
TOEN in register R23 (17h). The timeout period is set by CLK_TO_DIV[1:0]. The volume control
PGAs are enabled using LOUT1_PGA and ROUT1_PGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com