Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961GEFL/V Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
67
The default values of the write control sequencer are given in Table 50
WSEQ
_LOCATION
WM8961
REG
_INDEX
EOS
WIDTH
START
DATA
DELAY
COMMENT
CUMULATIVE
DELAY
STARTUP
TIME
0
8’h08
1’b0
3’h0
4’h4
8’h1
4’h0
CLK_DSP_ENA = 1
0.0005
0.0005
1
8’hFE
1’b0
3’h0
4’h0
8’h0
4’h0
Dummy Write for
expansion
0.0005
0.0010
2
8’h1C
1’b0
3’h1
4’h3
8’h3
4’h0
BUFDCOPEN = 1,
BUFIOEN = 1 ; Enable
current bias circuits
0.0005
0.0015
3
8’h19
1’b0
3’h2
4’h6
8’h3
4’h0
VMIDSEL = 01, VREF
= 1 ; VMID can be
brought up fast,
master bias enable
0.0005
0.0020
4
8’h48
1’b0
3’h0
4’h0
8’h01
4’h6
Enable Charge pump,
wait 4.5ms
0.0045
0.0065
5
8’h1A
1’b0
3’h3
4’h5
8’hF
4’h0
LOUT1_PGA = 1,
ROUT1_PGA = 1,
DACL = 1, DACR = 1
0.0005
0.0070
6
8’h45
1’b0
3’h4
4’h0
8’h11
4’h0
Set HPL_ENA,
HPR_ENA
0.0005
0.0075
7
8’h45
1’b0
3’h4
4’h1
8’h19
4’h0
Set HPL_EN_DLY,
HPR_EN_DLY
0.0005
0.0080
8
8’h02
1’b0
3’h6
4’h0
8’h65
4’h0
LOUT1VOL to -20dB
(7’b1100101)
0.0005
0.0085
9
8’h03
1’b0
3’h6
4’h0
8’h65
4’h0
ROUT1VOL to -20dB
(7’b1100101)
0.0005
0.0090
10
8’h03
1’b0
3’h0
4’h8
8’h01
4’h0
OUT1VU
0.0005
0.0095
11
8’h3D
1’b0
3’h5
4’h2
8’h33
4’hC
Enable Servo on
outputs, trigger
startup, wait 256ms
0.2560
0.2655
12
8’hFE
1’b0
3’h0
4’h0
8’h0
4’h0
Dummy Write for
expansion
0.0005
0.2660
13
8’h07
1’b0
3’h1
4’h2
8’h0
4’h0
AIF WL = 16 bit
0.0005
0.2665
14
8’h45
1’b0
3’h4
4’h2
8’h1D
4’h0
Set HPL_ENA_OUTP
& HPR_ENA_OUTP
0.0005
0.2670
15
8’h45
1’b0
3’h4
4’h3
8’h1F
4’h0
Set HPL_RMV_SHRT
& HPR_RMV_SHRT
0.0005
0.2675
16
8’hFE
1’b0
3’h0
4’h0
8’h0
4’h0
Dummy Write for
expansion
0.0005
0.2680
17
8’h5
1’b1
3’h0
4’h3
8’h0
4’h8
DAC Soft unmute, wait
16.5ms
0.0165
0.2845
18
8’h20
1’b0
3’h1
4’h4
8’h03
4’h0
LMICBOOST = 11
0.0005
0.0005
19
8’h21
1’b0
3’h1
4’h4
8’h03
4’h0
RMICBOOST = 11
0.0005
0.0010
20
8’h19
1’b0
3’h4
4’h1
8’h19
4’h0
AINL = 1, AINR = 1,
MICB = 1
0.0005
0.0015
21
8’h3C
1’b0
3’h5
4’h2
8’h33
4’hC
Enable Servo on
inputs, trigger startup,
wait 256ms
0.2560
0.2575
22
8’hFE
1’b0
3’h0
4’h0
8’h00
4’h0
Dummy Write for
expansion
0.0005
0.2580
23
8’h19
1’b0
3’h1
4’h2
8’h3
4’h0
ADCL = 1, ADCR = 1
0.0005
0.2585
24
8’h20
1’b0
3’h1
4’h4
8’h0
4’h0
LMICBOOST = 00
0.0005
0.2590
25
8’h21
1’b0
3’h1
4’h4
8’h0
4’h0
RMICBOOST = 00
0.0005
0.2595
26
8’hFE
1’b1
3’h0
4’h0
8’h00
4’h0
Dummy Write for
expansion
0.0005
0.2600
27
8’h5
1’b0
3’h0
4’h3
8’h1
4’h8
DAC Soft mute, wait
16.5ms
0.0165
0.0165
28
8’h00
1’b0
3’h0
4’h7
8’h01
4’h0
LINMUTE = 1
0.0005
0.0170
29
8’h01
1’b0
3’h1
4’h7
8’h03
4’h0
RINMUTE = 1, IPVU
0.0005
0.0175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com