Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961GEFL/V Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
71
CLOCKING AND SAMPLE RATES
Clocks for the ADC and DAC, DSP core functions, the digital audio interface (AIF), the charge pump
and the class D outputs are all derived from the MCLK clock input. This is as show in Figure 43.
MCLK
SYSCLK
DAC
MASTER
MODE
CLOCK
OUTPUTS
LRC
BCLK
f/N
f/2 (*)
ADC
/
f/N
f/N
f/N
f/N
f/N
Class D Switching Clock
SYSCLK
All internal clocks are derived from SYSCLK.
SYSCLK is either MCLK or MCLK/2
.
ADCDIV
DACDIV
BCLKDIV
BCLK rate is set by BCLKDIV in master mode.
Note that both ADC and DAC operate at the same
sample rate.
DCLKDIV
Class D switching clock frequency is set by DCLKDIV and should be set to
operate the Class D function at a frequency of
384 kHz for optimum performance
TIMEOUT
A slow clock is used for volume update timeouts (when zero cross is enabled).
The timeout period is set by CLK_TO_DIV
.
Other Sample Rate Controls
.
R4[2], MCLKDIV
R8[5], CLK_SYS_ENA
R56[8:5],
CLK_DCS_DIV[3:0]
f/N
DC Servo
R8[8:6],
DCLKDIV[2:0]
R8[3:0],
BCLKDIV[3:0]
R7[6], MS
R30[6:1],
CLK_256K_DIV[5:0]
TIMEOUT
R23[0], TOEN
R30[8,7],
CLK_TO_DIV[3:0]
Analog
Volume
Update
CLK_DCS_DIV
The DC Servo Clock is controlled by the CLK_DCS_DIV. This should be set to
provide a 1.5 MHz clock to the DC Servo.
ADC clock is set by ADCDIV (Master or Slave mode)
This is configured to output a clock of 256fs
DAC clock is set by DACDIV (Master or Slave mode)
This is configured to output a clock as close as possible to 3MHz
R4[8:6],
ADCDIV[2:0]
R4[5:3],
DACDIV[2:0]
SAMPLE_RATE[2:0] configures the ALC for a chosen sample rate.
DEEMPH[1:0] configures the de-emphasis filter for the chosen sample rate.
CLK_SYS_RATE[3:0] defines the relationship between the MCLK and the
sample rate
f/64
Charge
Pump
f/2
f/16
Write
Sequencer
f N
R14[8:0],
LRCLK_RATE[8:0]
R8[4],
CLK_DSP_ENA
LRCLK_RATE
LRC is set by the LRCLK_RATE in master mode.
This is an integer division of the BCLK.
CLK_256K_DIV
This is a general clock divider which divides down the
SYSCLK (default is SYSCLK/48 = 256 kHz when
SYSCLK =12.288MHz operation)
256fs(*)
R23[5],
ADC_OSR
4 kHz
Charge pump
clock division
f/N
(*) In 384fs mode, ADCDIV should be
configured to give 384fs. This is then
divided by f/3 to give 128fs for the ADC
Figure 43 Clock Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com