Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961GEFL/V Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
86
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Audio
Interface 0
8
ALRSWAP
0
Swaps L and R ADC data in interface
7
BCLKINV
0
BCLK invert bit (for master and slave modes)
0 : BCLK not inverted
1 : BCLK inverted
6
MS
0
Master / Slave Mode Control
0 : Enable slave mode
1 : Enable master mode
5
DLRSWAP
0
Swap Left/Right channels on DAC path
4
LRP
0
Right, Left and I2S modes – LRC polarity
0 : normal LRC polarity
1 : invert LRC polarity
DSP Mode – mode A/B select
0 : MSB is available on 2
nd BCLK rising edge
after LRC rising edge (mode A)
1 : MSB is available on 1
st BCLK rising edge
after LRC rising edge (mode B)
3:2
WL[1:0]
10
Audio Interface Word Length
00 : 16 bit
01 : 20 bit
10 : 24 bit
11 : 32 bit
1:0
FORMAT[1:0]
10
Audio Interface Format
00: Right Justified
01: Left Justified
10: I2S
11: DSP
Register 07h Audio Interface 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Clocking2
8:6
DCLKDIV[2:0]
111
Class D switching clock divider.
000 = SYSCLK / 1
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16 (default for 12.288MHz/16 = 768 KHz)
(Note that Class D function further divides by 2 to run at 384 KHz)
5
CLK_SYS_ENA
1
Enable system clock. Power saving feature to gate clock to digital.
When this bit is enabled, an MCLK must be provided to allow access to
the control interface.
4
CLK_DSP_ENA
1
DSP clock enable. Power saving feature to gate clock to DSP while
allowing auxiliary functions to run
3:0
BCLKDIV[3:0]
0100
BCLK Frequency (Master Mode)
0000 = SYSCLK
0001 = Reserved
0010 = SYSCLK / 2
0011 = SYSCLK / 3
0100 = SYSCLK / 4 (default)
0101 = Reserved
0110 = SYSCLK / 6
0111 = SYSCLK / 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com