Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961GEFL/V Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
27
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Clocking1
8:6
ADCDIV[2:0]
000
Defines the ADC 256fs clock, which is further
divided by 2.
000 : 256fs = SYSCLK / 1.0 (default
=12.288MHz, fs= 48 KHz)
001 : Reserved
010 : 256fs = SYSCLK / 2
011 : 256fs = SYSCLK / 3
100 : 256fs = SYSCLK / 4
101 : 256fs = SYSCLK / 5.5
110 : 256fs = SYSCLK / 6
111 : Reserved
The polarity of the output signal can be changed under software control using the ADCPOL[1:0]
register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC and DAC
Control 1
6:5
ADCPOL[1:0]
00
ADC Data invert
00 : Both Channels normal polarity
01 : Left Channel Inverted
10 : Right Channel Inverted
11 : Both Channels Inverted
Table 10 ADC Polarity Select
ADC DIGITAL VOLUME CONTROL
The output of the ADCs can be digitally amplified or attenuated over a range from -71.625dB to
+17.625dB in 0.375dB steps. The volume of each channel can be controlled separately. The gain for
a given eight-bit code X is given by:
0.375
× (X-192) dB for 1 ≤ X ≤ 239;
MUTE for X = 0
+17.625dB for 239
≤ X ≤ 255
The ADCVU bit controls the loading of digital volume control data. When ADCVU is set to 0, the
LADCVOL or RADCVOL control data will be loaded into the respective control register, but will not
actually change the digital gain setting. Both left and right gain settings are updated when a 1 is
written to ADCVU. This makes it possible to update the gain of both channels simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com