Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961GEFL/V Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
9
Test Conditions
MICVDD = 2.5V, DVDD = 1.8V, CPVDD=1.8V, AVDD = 1.8V SPKVDD1 = SPKVDD2 = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to HP_L, HP_R (used as Line output) with 10k
Ω / 50pF load: SNR optimised headphone playback mode (see note 1)
Signal to Noise Ratio
(A-weighted)
SNR
88
98
dB
Total Harmonic Distortion Plus
Noise
THD+N
10k
Ω load
-78
dB
Total Harmonic Distortion
THD
10k
Ω load
-79
dB
DAC to Headphone Output (HP_L, HP_R) with headphone load: standard headphone playback mode
Output Power at 1% THD+N
PO
RL=32
Ω
26
mW
RL=16
Ω
30
Total Harmonic Distortion Plus
Noise
THD+N
RL=32
Ω, PO=2mW
-79
0.011
dB
%
RL=32
Ω, PO=3.5mW
-79
0.011
RL=32
Ω, PO=12mW
-78
0.012
-70
0.032
RL=16
Ω, PO=2mW
-81
0.0089
RL=16
Ω, PO=22mW
-80
0.01
Total Harmonic Distortion
THD
RL=32
Ω, PO=12mW
-82
0.0079
dB
%
RL=16
Ω, PO=22mW
-84
0.0063
dB
%
Noise Level
-87
-97
dBV
DC offset
DC servo is enabled
-1.5
+1.5
mV
Channel Separation
1kHz full scale signal
90
dB
10kHz full scale signal
75
DAC to Headphone Output (HP_L, HP_R) with headphone load: low power headphone playback mode
Total Harmonic Distortion Plus
Noise
THD+N
RL=32
Ω, PO=12mW
-77
0.014
dB
%
RL=16
Ω, PO=22mW
-79
0.011
Noise Level
-97
dBV
DAC to Headphone Output (HP_L, HP_R) with headphone load: SNR optimised playback mode (see note 1)
Total Harmonic Distortion Plus
Noise
THD+N
RL=32
Ω, PO=12mW
-81
0.0089
-70
0.032
dB
%
RL=16
Ω, PO=22mW
-82
0.0079
Noise Level
-88
-98
dBV
DAC to Speaker Outputs (DAC to SPK_LP, SPK_LN, SPK_RP, SPK_RN with stereo 8
Ω bridge tied load)
Output Power at 1% THD+N
PO
RL=8
Ω, SPKVDD=5v5
1.26
W
Total Harmonic Distortion Plus
Noise
THD+N
PO =200mW, RL = 8
Ω,
SPKVDD1=SPKVDD2
=3.3V; AVDD=1.8V
-64
0.063
dB
%
PO =320mW, RL = 8
Ω,
SPKVDD1=SPKVDD2
=3.3V; AVDD=1.8V
-72
0.025
dB
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com