Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961GEFL/V Datasheet(PDF) 96 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 96 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
96
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R58 (3Ah)
DSP
Sidetone 1
7:4
ADCL_DAC_SVOL[3:0]
0000
Controls volume of ADC Left side tone, 3dB steps.
0000 : -36dB
0001 : -33dB
…
1111 : 0dB
3:2
ADC_TO_DACL[1:0]
00
DAC Left Side-tone Control
11 = Unused
10 = Mix ADCR into DACL
01 = Mix ADCL into DACL
00 = No Side-tone mix into DACL
Register 3Ah DSP Sidetone 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R60 (3Ch)
DC Servo 0
7
DCS_ENA_CHAN_INL
0
DC Servo enabled on channel INL
6
DCS_TRIG_STARTUP_INL
0
Perform startup sequence on channel INL
3
DCS_ENA_CHAN_INR
0
DC Servo enabled on channel INR
2
DCS_TRIG_STARTUP_INR
0
Perform startup sequence on channel INR
Register 3Ch DC Servo 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R61 (3Dh)
DC Servo 1
7
DCS_ENA_CHAN_HPL
0
DC Servo enabled on channel HPL
6
DCS_TRIG_STARTUP_HPL
0
Perform startup sequence on channel HPL
4
DCS_TRIG_SERIES_HPL
0
Perform a series of LSB updates on channel HPL
3
DCS_ENA_CHAN_HPR
0
DC Servo enabled on channel HPR
2
DCS_TRIG_STARTUP_HPR
0
Perform startup sequence on channel HPR
0
DCS_TRIG_SERIES_HPR
0
Perform a series of LSB updates on channel HPR
Register 3Dh DC Servo 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R63 (3Fh)
DC Servo 3
5:4
DCS_FILT_BW_SERIES[1:0]
01
Bandwidth of filter during series updates. Determines how
long a measurement takes.
00 : 6ms
01 : 275ms
10 : 1.2s
11 : 4.4s
Register 3Fh DC Servo 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R65 (41h)
DC Servo 5
6:0
DCS_SERIES_NO_HP[6:0]
001_0000
Number of LSB updates in a series for channels HPL and HPR
000_0000-000_1111 : Reserved
001_0000 : 16
…
111_1111 : 127
Register 41h DC Servo 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com