Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961GEFL/V Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
6
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
VNEG
Analogue Output
Charge pump negative supply decoupling (powers HP_L,
HP_R)
2
CFB2
Analogue Output
Charge pump fly-back capacitor pin
3
CFB1
Analogue Output
Charge pump fly-back capacitor pin
4
CPGND
Supply
Charge pump ground (Return path for CPVDD)
5
CPVDD
Supply
Charge pump power supply
6
MICBIAS
Analogue Output
Microphone bias
7
RINPUT
Analogue Input
Right channel input
8
LINPUT
Analogue Input
Left channel input
9
MICVDD
Supply
Microphone bias amp supply
10
DVDD
Supply
Digital core and buffer (I/O) supply
11
DGND
Supply
Digital ground
12
BCLK
Digital Input / Output
Audio interface bit clock
13
LRC
Digital Input / Output
Audio interface left / right clock
14
DACDAT
Digital Input
DAC digital audio data
15
MCLK
Digital Input
Master clock
16
ADCDAT
Digital Output
ADC digital audio data
17
SCLK
Digital Input
Control interface clock input
18
SDIN
Digital Input/Output
Control interface data input / 2-wire acknowledge output
19
SPK_RN
Analogue Output
Right speaker negative output
20
SPKGND2
Supply
Ground for right speaker drivers
21
SPKVDD2
Supply
Supply for right speaker drivers
22
SPK_RP
Analogue Output
Right speaker positive output
23
SPK_LN
Analogue Output
Left speaker negative output
24
SPKGND1
Supply
Ground for left speaker drivers
25
SPK_LP
Analogue Output
Left speaker positive output
26
SPKVDD1
Supply
Supply for left speaker drivers
27
VMID
Analogue Output
Mid-rail voltage =AVDD/2 (requires decoupling capacitor)
28
AGND
Supply
Analogue ground (Return path for AVDD)
29
AVDD
Supply
Analogue supply
30
HP_R
Analogue Output
Right output (Line or headphone)
31
HP_L
Analogue Output
Left output (Line or headphone)
32
VPOS
Analogue Output
Charge pump positive supply decoupling (powers HP_L,
HP_R)
GND_PADDLE
Die Paddle (Note 1)
Note:
It is recommended that the QFN ground paddle should be connected to analogue ground on the application PCB.
Refer to the application note WAN_0118 on “Guidelines on How to Use QFN Packages and Create Associated PCB Footprints”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com