Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5002 Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 32Page - Richtek Technology Corporation RT5002 Datasheet HTML 33Page - Richtek Technology Corporation RT5002 Datasheet HTML 34Page - Richtek Technology Corporation RT5002 Datasheet HTML 35Page - Richtek Technology Corporation RT5002 Datasheet HTML 36Page - Richtek Technology Corporation RT5002 Datasheet HTML 37Page - Richtek Technology Corporation RT5002 Datasheet HTML 38Page - Richtek Technology Corporation RT5002 Datasheet HTML 39Page - Richtek Technology Corporation RT5002 Datasheet HTML 40Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
RT5002
39
DS5002-00
November 2011
www.richtek.com
Protection
Type
Threshold (Typical)
Refer to Electrical
spec.
Protection Methods
IC
Shutdown
Delay Time
Reset Method
Current
limit
N-MOSFET current >
1.2A
N-MOSFET off,
P-MOSFET off.
Automatic reset at next
clock cycle.
100ms
VDDM power reset or
EN1234 pin set to low
PVD5 OVP
PVD5 > 22V
N-MOSFET off,
P-MOSFET off.
No-delay
VDDM power reset or
EN1234 pin set to low
FB5 UVP
FB5 < 0.6V after
soft-start end.
N-MOSFET off,
P-MOSFET off.
100ms
VDDM power reset or
EN1234 pin set to low
FB5 Over
Load
FB5 < 1.1V
PMU Shutdown when
OL occur each cycle
until 100ms.
100ms
VDDM power reset or
EN1234 pin set to low
CH5
Step-Up
PVD5 UVP
PVD5 < (VSYS
−0.2V)
N-MOSFET off,
P-MOSFET off.
100ms
VDDM power reset or
EN1234 pin set to low
Current
limit
P-MOSFET current >
1.5A
P-MOSFET off.
Automatic reset at next
clock cycle.
100ms
VDDM power reset or
EN1234 pin set to low
PVD6 OVP
PVD6 < -13V
P-MOSFET off.
No-delay
VDDM power reset or
EN1234 pin set to low
FB6 UVP
FB6 > 1.2V
P-MOSFET off.
100ms
VDDM power reset or
EN1234 pin set to low
CH6
Async
Inverting
FB6 Over
Load
FB6 > 0.74V
PMU Shutdown when
OL occur each cycle
until 100ms.
100ms
VDDM power reset or
EN1234 pin set to low
Current
limit
N-MOSFET current >
0.8A
N-MOSFET off,
P-MOSFET off.
Automatic reset at next
clock cycle.
100ms
VDDM power reset or
EN1234 pin set to low
CH7
WLED
PVD7 OVP
PVD7 > 15V
N-MOSFET off,
P-MOSFET off.
Shutdown CH7 by self
No-delay
VDDM power reset
and Reg0x00[4 to 0] =
00000 reset or
EN1234 pin set to low
Thermal
Thermal
shutdown
Temperature > 155
°C
All channels stop
switching
No-delay
VDDM power reset or
EN1234 pin set to low
Protection
Type
Threshold (Typical)
Refer to Electrical Spec.
Protection
Methods
Charger Shutdown
Delay Time
Reset Method
VIN UVLO
VIN < 3.3V
No-charge
No-delay
No latch
VIN
VIN OVP
VIN > 6.5V
No-charge
No-delay
No latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com