Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5002 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5002 Datasheet HTML 1Page - Richtek Technology Corporation RT5002 Datasheet HTML 2Page - Richtek Technology Corporation RT5002 Datasheet HTML 3Page - Richtek Technology Corporation RT5002 Datasheet HTML 4Page - Richtek Technology Corporation RT5002 Datasheet HTML 5Page - Richtek Technology Corporation RT5002 Datasheet HTML 6Page - Richtek Technology Corporation RT5002 Datasheet HTML 7Page - Richtek Technology Corporation RT5002 Datasheet HTML 8Page - Richtek Technology Corporation RT5002 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
RT5002
1
DS5002-00
November 2011
www.richtek.com
7 + 1 Channel DC/DC PMU with Li-Ion Battery Charger for
DSC
General Description
The RT5002 is a complete power supply solution for digital
still cameras and other handheld devices. It includes a
7+1 channel DC/DC power converter unit, a single-cell Li-
ion battery charger, and an I
2C control interface.
The power converter unit includes one synchronous step-
up converter and three synchronous step-down converters
for DSP core, I/O, Motor, and memory power supply, one
synchronous high voltage step-up converter and one
asynchronous inverting converter for CCD
± bias, one
WLED driver in either synchronous high voltage step-up
or current source operation, and one low quiescent LDO
for RTC application. All converters are internally frequency
compensated and integrate power MOSFETs. The power
converter unit provides complete protection functions: over
current, thermal shutdown, over voltage, over-load, and
under voltage protection.
The battery charger includes Auto Power Path
Management (APPM). No external MOSFETs are required.
The charger enters sleep mode when power is removed.
Charging tasks are optimized by using a control algorithm
to vary the charge rate, including pre-charge mode, fast
charge mode and constant voltage mode. The charge
current can also be programmed with an external resistor
and modified via the I
2C control interface. The scope that
the battery regulation voltage can be modified via the I
2C
interface depends on the battery temperature. The internal
thermal feedback circuitry regulates the die temperature
to optimize the charge rate for all ambient temperatures.
The charging task will always be terminated in constant
voltage mode when the charging current reduces to the
termination current of 10% x ICHG_FAST. The charger
includes under voltage and over-voltage protection for the
supply input voltage, VIN.
Features
Power Converter Unit :
One Channel LV Sync Step-Up and Three Channel
LV Sync Step-Down
Up to 95% Efficiency
One Sync Step-Up and One Async Inverting for
CCD
±±±±± bias
One WLED Driver in either Sync Step-Up or Current
Source Operation
WLED Driver with Dimming Control
Step-Up Mode with LED Open Protection (OVP7)
One Low Quiescent LDO with Reverse Leakage
Prevention for RTC Power Supply
Preset On/Off Sequence of CH1, CH2, CH3, CH4
(1 → 3 → 4 → 2)
Two Preset On/Off Sequence of CH5, CH6 (5 → 6 or
6 →5)
All Power Switches Integrated with Internal
Compensation
All Step-Up Converters with Load Disconnect
Wake Up Impulse to Monitor BAT and VIN Plug-In
Charger Unit :
28V Maximum Rating for VIN Power
Selectable Power Current Limit (0.1A / 0.5A / 1.5A)
Auto Power Path Management (APPM) and
Integrated Power MOSFETs
Battery Charging Current Control
Battery Regulation Voltage Control
Programmable Charging Current and Safe Charge
Timer
Under Voltage and Over Voltage Protection
Optimized Charge Rate via Thermal Feedback
Interrupt Indicator to Fault/Status Events
I
2C Control Interface : Support Fast Mode up to
400kb/s
Voltage Divider for Sensing Battery Voltage Level
Small 40-Lead WQFN Package
RoHS Compliant and Halogen Free
Applications
DSC


Similar Part No. - RT5002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
logo
LEM
RT500 LEM-RT500 Datasheet
682Kb / 4P
Split core type
logo
Vishay Siliconix
RT500 VISHAY-RT500 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT500AS1000JB VISHAY-RT500AS1000JB Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT500AS1000KB VISHAY-RT500AS1000KB Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results

Similar Description - RT5002

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Global Mixed-mode Techn...
G2206 GMT-G2206 Datasheet
117Kb / 1P
63 Channels PMU and Li-ion Battery Charger for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
7-Channel DC-DC Converter for DSC
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
Channels DC/DC PMU with Li-ion Battery Charger
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
7-Channel DC-DC Converter for DSC
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com