Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5002 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 18Page - Richtek Technology Corporation RT5002 Datasheet HTML 19Page - Richtek Technology Corporation RT5002 Datasheet HTML 20Page - Richtek Technology Corporation RT5002 Datasheet HTML 21Page - Richtek Technology Corporation RT5002 Datasheet HTML 22Page - Richtek Technology Corporation RT5002 Datasheet HTML 23Page - Richtek Technology Corporation RT5002 Datasheet HTML 24Page - Richtek Technology Corporation RT5002 Datasheet HTML 25Page - Richtek Technology Corporation RT5002 Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
RT5002
22
DS5002-00
November 2011
www.richtek.com
VIN - VSYS Dropout Voltage vs. Temperature
210
240
270
300
330
360
390
420
450
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, ISYS = 1A
OVP Threshold Voltage vs. Temperature
6.20
6.25
6.30
6.35
6.40
6.45
6.50
6.55
6.60
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VBAT = 3.7V
Rising
Falling
Battery Regulation Voltage vs. Temperature
4.100
4.125
4.150
4.175
4.200
4.225
4.250
4.275
4.300
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, ISYS = 0.5A
Time (100ms/Div)
VIN Hot-Plug without NTC/Battery
VIN = 5V, VVP = 3.3V, RSYS = 10
Ω, ISETL = 0
VSYS
(5V/Div)
VBAT
(10V/Div)
IIN
(500mA/Div)
VIN
(10V/Div)
Time (500ms/Div)
VIN Over Voltage Protection
VBAT = Real Battery, RSYS = 10
Ω, ISETL = 1
VIN
(10V/Div)
VSYS
(10V/Div)
IBAT
(1A/Div)
VBAT
(10V/Div)
VIN = 5V to 15V
Time (100ms/Div)
VIN Hot-Plug with Battery
VBAT = Real Battery, RSYS = 10
Ω, ISETL = 1
VSYS
(5V/Div)
VBAT
(10V/Div)
IBAT
(1A/Div)
VIN
(10V/Div)
VIN = 5V, VVP = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com