Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5002 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT5002 Datasheet HTML 1Page - Richtek Technology Corporation RT5002 Datasheet HTML 2Page - Richtek Technology Corporation RT5002 Datasheet HTML 3Page - Richtek Technology Corporation RT5002 Datasheet HTML 4Page - Richtek Technology Corporation RT5002 Datasheet HTML 5Page - Richtek Technology Corporation RT5002 Datasheet HTML 6Page - Richtek Technology Corporation RT5002 Datasheet HTML 7Page - Richtek Technology Corporation RT5002 Datasheet HTML 8Page - Richtek Technology Corporation RT5002 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
RT5002
3
DS5002-00
November 2011
www.richtek.com
Typical Application Circuit
For 4-LED Application
RT5002
4
FB7
10
25
FB5
26
PVD5
LX6
FB6
19
18
CCD
-7V
63.4k
10k
VREF
20
10µH
17
VOUT6
10µF x 2
1nF
0.1µF
10µF x 2
287k
26.1k
27pF
CCD
15V
1µF
LX7
10µH
6
1µF
SYS
PVD7
5
VIN
37
TSSEL
28
Back Light
ADAPTER
/USB
2.2µF
ISETA
11
GND
41 (Exposed Pad)
PVD2 32
SYS
10µF
SCL 15
PVD1
39
2
FB1
LX3 23
FB3
21
PVD4 9
SYS
RTCPWR
38
Super Cap
PVD3
10µF
SYS
22
14
SDA
VDD_I
2
C
10µF x 2
470k
88.7k
Motor
5V
LX2
31
29
FB2
10µF
470k
150k
2.2µH
10µF
470k
374k
2.2µH
10µF
LX4 8
VCORE
1V
FB4
10
232k
931k
2.2µH
10µF
RTCPWR
TSSEL = VIN
for 10k NTC
RISETA
EN1234
24
Chip Enable
BAT
33, 34
BAT
+
1µF
TS
12
VP
13
INT
1
Interrupt Flag
VI/O
3.3V
WAKE
30
Wake Up Signal to µP
~10k
VDDM
3
Bypass Cap
1µF
PVD6
16
10µF
SYS
C12
R9
R10
C13
C15
L6
D1
R11
C17
C16
C18
R12
C19
L7
C20
D2
D3
D4
D5
R13
C21
C22
R16
R17
R18 10k
R14
1k
R15
1k
R7
R8
47pF
C11
C10
L4
C8
R5
R6
33pF
C7
C6
L3
C5
R3
R4
C4
C3
L2
C1
R1
R2
4.7pF
EN1234 Control
CH1
CH3
CH4
CH2
5V
1.8V
1V
3.3V
VI/O
3.3V
DDRII
1.8V
0.1µF
C23
BATS
7
0.1µF
CBATS
BATS
LX1 40
2.2µH
SYS
10µF
C2
L1
C24
LX5
27
SYS
10µH
4.7µF
L5
C14
SYS
35, 36
SYS
10µF
C9
RNTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com