Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5002 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 8Page - Richtek Technology Corporation RT5002 Datasheet HTML 9Page - Richtek Technology Corporation RT5002 Datasheet HTML 10Page - Richtek Technology Corporation RT5002 Datasheet HTML 11Page - Richtek Technology Corporation RT5002 Datasheet HTML 12Page - Richtek Technology Corporation RT5002 Datasheet HTML 13Page - Richtek Technology Corporation RT5002 Datasheet HTML 14Page - Richtek Technology Corporation RT5002 Datasheet HTML 15Page - Richtek Technology Corporation RT5002 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
RT5002
12
DS5002-00
November 2011
www.richtek.com
Charger Unit : (VIN = 5V, VBAT = 4V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Input
VIN Under Voltage Lockout
Threshold
VUVLO
VIN = 0V to 4V
3.1
3.3
3.5
V
VIN Under Voltage Lockout
Hysteresis
ΔVUVLO
VIN = 4V to 0V
--
240
--
mV
ISYS = IBAT = 0mA, ENCH = 0
(VBAT > VREGx)
--
1
2
VIN Supply Current
ISUPPLY
ISYS = IBAT = 0mA, ENCH = 1
(VBAT > VREGx)
--
0.8
1.5
mA
VIN Suspend Current
IUSUS
VIN = 5V, USUS = 1
--
195
300
μA
VIN
− BAT VOS Rising
VOS_H
--
200
300
mV
VIN
− BAT VOS Falling
VOS_L
10
50
--
mV
Voltage Regulation
System Regulation Voltage
VSYS
ISYS = 800mA
4.3
4.4
4.5
V
Battery Regulation Voltage
VREG1
0 to 85°C, Loading = 20mA,
when VSET = 1
4.16
4.2
4.23
V
Battery Regulation Voltage
VREG2
0 to 85°C, Loading = 20mA,
when VSET = 0
4.01
4.05
4.08
V
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Control
Logic-High
1.3
--
--
EN1234, TSSEL Input
Voltage Threshold
Logic-Low
--
--
0.4
V
EN1234, TSSEL Sink Current
--
1
6
μA
Thermal Protection
Thermal Shutdown
TSD
--
155
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
20
--
°C
RTC LDO
Standby Current
VDDM = 4.2V
--
3
6
μA
VOUT (RTCPWR)
IOUT = 0mA, VDDM = 4.2V
3.23
3.3
3.37
V
Max Output Current (Current Limit)
VDDM = 4.2V
60
130
200
mA
IOUT = 50mA
--
--
1000
IOUT = 10mA
--
--
150
Dropout Voltage
IOUT = 3mA
--
--
60
mV
WAKE Up Detector
WAKE Impulse High Duration
tWAKEUP
VIN or BAT plug in,
RTCPWR = 3.3V
--
55
--
ms
High Level
VWAKE_H
Source Current 0.5mA,
RTCPWR = 3.3V
--
RTCPWR
− 0.3
RTCPWR
WAKE Output
Low Level
VWAKE_L
Sink Current
−0.5mA,
RTCPWR = 3.3
0
0.3
--
V
VIN Threshold to Wake Up
3.1
3.3
3.5
V
BAT Threshold to Wake Up
--
2.7
--
V
BAT Threshold Hysteresis to Wake
Up
--
150
--
mV
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com