Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5002 Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 28Page - Richtek Technology Corporation RT5002 Datasheet HTML 29Page - Richtek Technology Corporation RT5002 Datasheet HTML 30Page - Richtek Technology Corporation RT5002 Datasheet HTML 31Page - Richtek Technology Corporation RT5002 Datasheet HTML 32Page - Richtek Technology Corporation RT5002 Datasheet HTML 33Page - Richtek Technology Corporation RT5002 Datasheet HTML 34Page - Richtek Technology Corporation RT5002 Datasheet HTML 35Page - Richtek Technology Corporation RT5002 Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
RT5002
32
DS5002-00
November 2011
www.richtek.com
Figure 3
APPM Profile
1.5A Mode :
1A
0
-1A
2A
3A
-2A
-3A
5V
4.4V
4.2V
4.0V
IBAT
ISYS
IVIN
T1
T2
T3
T4
T5
T6
T7
VBAT
VIN
VSYS
VAPPM
ISYS
VSYS
IVIN
IBAT
T1, T7
0
SYS Regulation Voltage
CHG_MAX
CHG_MAX
T2, T6
< IVIN_OC
− CHG_MAX
SYS Regulation Voltage
ISYS + CHG_MAX
CHG_MAX
T3, T5
> IVIN_OC
− CHG_MAX
< IVIN_OC
Auto Charge Voltage Threshold
VIN_OC
VIN_OC − ISYS
T4
> IVIN_OC
VBAT − IBAT x RDS(ON)
VIN_OC
ISYS − IVIN_OC
4.16 to 4.2 to 4.23V
−40°C to 85°C
Battery Voltage
Charging Current
VPRECH
VRECH
ITERM2
If ISETL = 0, ISETU = 0
ITERMI = 3.3% x ICHG_FAST
If
ISETL = 1, ISETU = 1
ISETL = 0, ISETU = X
ITERMI = 10% x ICHG_FAST
Time
ICHG_PRE = 10% x ICHG_FAST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com