Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5002 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 9Page - Richtek Technology Corporation RT5002 Datasheet HTML 10Page - Richtek Technology Corporation RT5002 Datasheet HTML 11Page - Richtek Technology Corporation RT5002 Datasheet HTML 12Page - Richtek Technology Corporation RT5002 Datasheet HTML 13Page - Richtek Technology Corporation RT5002 Datasheet HTML 14Page - Richtek Technology Corporation RT5002 Datasheet HTML 15Page - Richtek Technology Corporation RT5002 Datasheet HTML 16Page - Richtek Technology Corporation RT5002 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
RT5002
13
DS5002-00
November 2011
www.richtek.com
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
APPM Regulation Voltage
ΔVAPPM
VSYS − VAPPM
120
200
280
mV
DPM Regulation Voltage
VDPM
ISETL = 0
4.3
4.4
4.5
V
VIN to SYS MOSFET
On-Resistance
IVIN = 1000mA
--
0.2
0.35
Ω
BAT to SYS MOSFET
On-Resistance
VBAT = 4.2V, ISYS = 1A
--
0.05
0.1
Ω
Re-Charge Threshold
ΔVREGCHG Battery Regulation − Recharge Level
60
100
140
mV
BATS Divider Ratio
VBAT = 4.2V
58.3
59.8
61.3
%
Current Regulation
ISETA Set Voltage
(Fast Charge Phase)
VISETA
VBAT = 4V, RISETA = 1kΩ
--
2
--
V
Charge Current Setting Range ICHG
100
--
1200
mA
Charge Current Accuracy1
ICHG1
VBAT = 4V, RISETA = 1kΩ
ISET = 1
570
600
630
mA
Charge Current Accuracy2
ICHG2
VBAT = 3.8V, RISETA = 1kΩ, ISET = 0
285
300
315
mA
ISETL = 1 (1.5A Mode)
1.2
1.5
1.8
A
ISETL = 0, ISETU = 1 (500mA Mode)
450
475
500
VIN Current Limit
IVIN
ISETL = 0, ISETU = 0 (100mA Mode)
90
95
100
mA
Pre-Charge
BAT Pre-Charge Threshold
VPRECH
BAT Falling
2.7
2.8
2.9
V
BAT Pre-Charge Threshold
Hysteresis
ΔVPRECH
--
200
--
mV
Pre-Charge Current
ICHG_PRE
VBAT = 2V
5
10
15
%
Charge Termination Detection
Termination Current Ratio to
Fast Charge (Except USB 100
Mode)
ITERM
ISETL = 0, ISETU = 1
ISETL = 1, ISETU = X
5
10
15
%
Termination Current Ratio to
Fast Charge (USB100 Mode)
ITERM2
ISETL = 0, ISETU = 0
--
3.3
--
%
Login Input/Output
INT Pull Down Voltage
VINT
IINT = 5mA
--
200
--
mV
Protection
Thermal Regulation
TREG
--
125
--
°C
Thermal Shutdown
Temperature
TSD
--
155
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
20
--
°C
Over Voltage Protection
VOVP
VIN Rising
6.25
6.5
6.75
V
Over Voltage Protection
Hysteresis
ΔVOVP
VIN = 7V to 5V, VOVP − ΔVOVP
--
100
--
mV
Output Short Circuit Detection
Threshold
VSHORT
VBAT − VSYS
--
300
--
mV
Battery Installation Detection
Threshold at TS
EN1234 = H
--
90
--
% of
VP
Time
Pre-Charge Fault Time
tPCHG
TIMER [3:0] = 0100, (1/8 x tFCHG)
1800
2250
2700
s
Fast Charge Fault Time
tFCHG
TIMER [3:0] = 0100
14400 18000 21600
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com