Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5002 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 3Page - Richtek Technology Corporation RT5002 Datasheet HTML 4Page - Richtek Technology Corporation RT5002 Datasheet HTML 5Page - Richtek Technology Corporation RT5002 Datasheet HTML 6Page - Richtek Technology Corporation RT5002 Datasheet HTML 7Page - Richtek Technology Corporation RT5002 Datasheet HTML 8Page - Richtek Technology Corporation RT5002 Datasheet HTML 9Page - Richtek Technology Corporation RT5002 Datasheet HTML 10Page - Richtek Technology Corporation RT5002 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
RT5002
7
DS5002-00
November 2011
www.richtek.com
Function Block Diagram
CH2
C-Mode
Step-Down
+
-
PVD2
LX2
VDDM
CH1
C-Mode
Step-Up
LX1
PVD1
VDDM
+
-
0.8V
REF
FB1
I
2
C Interface Register File
SCL
SDA
EN1234
RTCPWR
VDDI
Power On/Off Sequence
Control
RTC_LDO
w / Body Diode Control
SYS
Body
Diode
Control
0.8V
REF
FB2
CH3
C-Mode
Step-Down
+
-
PVD3
LX3
VDDM
0.8V
REF
FB3
CH4
C-Mode
Step-Down
+
-
PVD4
LX4
VDDM
0.8V
REF
FB4
CH7
Step-Up or
Current Source
+
31 Level Dimming
VREF
FB7
LX7
PVD7
VDDM
Body
Diode
Control
SYS
MOD7
EN7
EN7_DIM7
UVLO
SS
SYS
VDDM
UVLO
Li+ Battery
Charger with
APPM
VIN
TSSEL
SYS
BAT
TS
VP
ISETA
BATS
USUS
VSET
ISETL
ISETU
ISET
TIMER
ENCH
VDDI
CH6
Async
Inverting
LX6
PVD6
VDDM
CH5
C-Mode
Step-Up
+
-
1.25V
REF
FB5
LX5
PVD5
VDDM
SYS
Body
Diode
Control
EN56
VOUT6
EN56
+
-
0.6V REF
FB6
1.8V
REF
VREF
GND
SAFE
Interrupt Handler
INT
EOC
TS_FAULT
PGOOD
SAFE
Power Plug-In
Wake Up Detector
VIN
BAT
WAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com