Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5002 Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 19Page - Richtek Technology Corporation RT5002 Datasheet HTML 20Page - Richtek Technology Corporation RT5002 Datasheet HTML 21Page - Richtek Technology Corporation RT5002 Datasheet HTML 22Page - Richtek Technology Corporation RT5002 Datasheet HTML 23Page - Richtek Technology Corporation RT5002 Datasheet HTML 24Page - Richtek Technology Corporation RT5002 Datasheet HTML 25Page - Richtek Technology Corporation RT5002 Datasheet HTML 26Page - Richtek Technology Corporation RT5002 Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
RT5002
23
DS5002-00
November 2011
www.richtek.com
VBAT - VSYS Dropout Voltage vs. Temperature
50
55
60
65
70
75
80
85
90
-50
-25
0
25
50
75
100
125
Temperature (°C)
VBAT = 3.7V, ISYS = 1A
Charge Current vs. Temperature
0
50
100
150
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
USB 500mA Mode, VIN = 5V
VBAT = 3.7V, VVP = 3.3V
Pre-Charge Current vs. Battery Voltage
110.0
112.5
115.0
117.5
120.0
122.5
125.0
127.5
130.0
2
2.2
2.4
2.6
2.8
3
Battery Voltage (V)
VIN = 5V, RISEAT = 0.5k
Ω
Fast-Charge Current vs. Battery Voltage
500
525
550
575
600
625
650
675
700
3
3.1 3.2 3.3 3.4 3.5
3.6 3.7 3.8 3.9
4
4.1
Battery Voltage (V)
VIN = 5V, RISEAT = 1k
Ω
Battery Regulation Voltage vs. Temperature
4.100
4.125
4.150
4.175
4.200
4.225
4.250
4.275
4.300
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com